Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG201CJ Datasheet(PDF) 5 Page - Harris Corporation

Part # DG201CJ
Description  CMOS Dual/Quad SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

DG201CJ Datasheet(HTML) 5 Page - Harris Corporation

  DG201CJ Datasheet HTML 1Page - Harris Corporation DG201CJ Datasheet HTML 2Page - Harris Corporation DG201CJ Datasheet HTML 3Page - Harris Corporation DG201CJ Datasheet HTML 4Page - Harris Corporation DG201CJ Datasheet HTML 5Page - Harris Corporation DG201CJ Datasheet HTML 6Page - Harris Corporation DG201CJ Datasheet HTML 7Page - Harris Corporation DG201CJ Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
9-17
DG200, DG201
Performance Curves
FIGURE 1. RDS(ON) vs VD AND TEMPERATURE
FIGURE 2. rDS(ON) vs VD AND POWER SUPPLY VOLTAGE
FIGURE 3. ID(ON) vs TEMPERATURE
FIGURE 4. IS(OFF) OR ID(OFF) vs TEMPERATURE
100
50
0
-15
-10
-5
0
5
10
15
DRAIN VOLTAGE (V)
+125oC
+25oC
-55oC
V+ = +15V
V- = -15V
100
50
0
-15
-10
-5
0
5
10
15
DRAIN VOLTAGE (V)
A
B
C
D
A: V+ = +15V, V- = -15V
B: V+ = +12V, V- = -12V
C: V+ = +10V, V- = -10V
D: V+ = +8V,
V- = -8V
10
1
0.1
0.01
25
45
65
85
105
125
TEMPERATURE (oC)
10
1
0.1
0.01
25
45
65
85
105
125
TEMPERATURE (oC)
DG201 (16 LEAD DIP)
PIN
SYMBOL
DESCRIPTION
1IN1
Logic control for switch 1
2D1
Drain (output) terminal for switch 1
3S1
Source (input) terminal for switch 1
4
V-
Negative power supply terminal
5
GND
Ground terminal (Logic Common)
6S4
Source (input) terminal for switch 4
7D4
Drain (output) terminal for switch 4
8IN4
Logic control for switch 4
9IN3
Logic control for switch 3
10
D3
Drain (output) terminal for switch 3
11
S3
Source (input) terminal for switch 3
12
VREF
Logic reference voltage
13
V+
Positive power supply terminal (substrate)
14
S2
Source (input) terminal for switch 2
15
D2
Drain (output) terminal for switch 2
16
IN2
Logic control for switch 2
Pin Description
DG200 (14 LEAD DIP)
PIN
SYMBOL
DESCRIPTION
1IN2
Logic control for switch 2
2
NC
No Connection
3
GND
Ground Terminal (Logic Common)
4
NC
No Connection
5S2
Source (input) terminal for switch 2
6D2
Drain (output) terminal for switch 2
7
V-
Negative power supply terminal
8VREF
Logic reference voltage
9D1
Drain (output) terminal for switch 1
10
S1
Source (input) terminal for switch 1
11
NC
No Connection
12
V+
Positive power supply terminal (substrate)
13
NC
No Connection
14
IN1
Source (input) terminal for switch 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com