Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P6M Datasheet(PDF) 1 Page - NEC

Part # 5P6M
Description  5A(8 Ar.m.s) Thyristor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

5P6M Datasheet(HTML) 1 Page - NEC

  5P6M Datasheet HTML 1Page - NEC 5P6M Datasheet HTML 2Page - NEC 5P6M Datasheet HTML 3Page - NEC 5P6M Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 5P6M

ManufacturerPart #DatasheetDescription
logo
NEC
5P6M NEC-5P6M Datasheet
396Kb / 6P
2A PLASTIC MOLDED THYRISTOR
logo
Tiger Electronic Co.,Lt...
5P6M TGS-5P6M Datasheet
130Kb / 1P
Triacs sensitive gate
logo
HAOPIN MICROELECTRONICS...
5P6M HAOPIN-5P6M Datasheet
301Kb / 5P
Blocking voltage to 600 V
More results

Similar Description - 5P6M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA0201 SANKEN-SLA0201 Datasheet
32Kb / 1P
5A 600V 4 circuits Thyristor array
TF521M SANKEN-TF521M Datasheet
48Kb / 2P
TO-220 5A Thyristor
TF521S SANKEN-TF521S Datasheet
49Kb / 2P
TO-220F 5A Thyristor
TF541S-A SANKEN-TF541S-A Datasheet
30Kb / 1P
TO-220F 5A High sensitive Thyristor
logo
NEC
8P2M NEC-8P2M Datasheet
1Mb / 6P
8 A THYRISTOR
logo
Tiger Electronic Co.,Lt...
5P4J TGS-5P4J Datasheet
129Kb / 1P
5A SMALL MOLD THYRISTOR
logo
Renesas Technology Corp
CR5AS-12A RENESAS-CR5AS-12A_13 Datasheet
112Kb / 9P
600V - 5A - Thyristor Medium Power Use
CR5AS-8UE RENESAS-CR5AS-8UE_15 Datasheet
102Kb / 3P
400V - 5A - Thyristor Medium Power Use
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
600V - 5A - Thyristor Medium Power Use
CR5AS-8UE RENESAS-CR5AS-8UE Datasheet
485Kb / 7P
400V - 5A - Thyristor
May. 10, 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com