Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR-212X-20PM-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RR-212X-20PM-R1
Description  High performance Copper heatpipes with a fusion bonded copper powder wick.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RR-212X-20PM-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RR-212X-20PM-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RR-212X-20PM-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High performance Copper heatpipes with a fusion
bonded copper powder wick.
Patented CDC™ technology – 4 direct touch
heatpipes creating a gap-less contact surface
Aluminum Fin Array with New Tunnel Effect layout
for improved heat dissipation.
4th Generation Bearing – MTBF of 160,000 hours
thanks to highly durable POM components.
Redesigned Fan-blades that create vortices to boost
airflow without creating more noise
Smart Fan engine – stops the fan when blocked to
prevent damage, and automatically restarts the fan
when it has been cleared.
Universal mounting system for all Intel and AMD
platforms.
The CoolerMaster Hyper 212X introduces several new
features to the incredibly popular 212 series. It uses the
same Patented Quad CDC Heatpipe array but features a
completely new cooling fan and an improved fin-blade layout.
Thanks to the new Smart Engine and 4th Generation Bearing,
the MTBF has been pushed up to an incredible 160,000 hours
while reducing bearing noise. The redesigned Fan-Blades and
Aluminum Fin-Blades have both been optimized to create
micro vortices that boost the airflow and circulate it around
the heatpipes.
Supported Platforms
Intel LGA 2011/1366/1156/1155/775
AMD FM1/AM3+/AM3/AM2
Dimensions
120 x 79 x 158 mm (4.7 x 3.1 x 6.2 inch)
Heatsink Dimensions
116 x 51 x 158 mm (4.6 x 2.0 x 6.2 inch)
Heatsink Material
4 Direct contact heatpipes / Aluminum fins
Heatsink Weight
492g / 1.1lb
Heatpipe Dimensions
Ø6 mm
Fan Dimensions
120 x 120 x 25 mm (4.7 x 4.7 x 1 inch)
Fan Speed
600~2000 RPM (PWM) ± 10%
Fan Air Flow
24.9~82.9 CFM ± 10%
Fan Air Pressure
0.3~2.09 mm H2O ± 10%
Fan Life Expectancy
160,000 hours
Noise Level
9~36 dBA
Bearing Type
4th Generation Bearing
Connector
4-Pin
Rated Voltage
12 VDC
Rated Current
0.37A
Power Consumption
4.44W (max)
Fan Weight
106g / 0.2lb
Weight
610g / 1.3lb
EAN Code
4719512039526
UPC Code
884102018862
Package Dimensions
90 x 157 x 228 mm
(3.5 x 6.2 x 9.0 inch)
Carton Dimensions
475 x 330 x 255 mm
( 18.7 x 13.0 x 10.0 inch)
Unit / Carton
10
Carton / Pallet
42
Hyper 212X
RR-212X-20PM-R1
2 years
Features
Specifications
Package Information
Warranty


Similar Part No. - RR-212X-20PM-R1

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
RR-1248 BUD-RR-1248 Datasheet
26Kb / 1P
TABLE TOP RELAY RACK
RR-1249 BUD-RR-1249 Datasheet
26Kb / 1P
TABLE TOP RELAY RACK
RR-1263 BUD-RR-1263 Datasheet
60Kb / 1P
OPEN RELAY RACK
RR-1265 BUD-RR-1265 Datasheet
53Kb / 1P
OPEN RELAY RACK
RR-1270 BUD-RR-1270 Datasheet
53Kb / 1P
OPEN RELAY RACK
More results

Similar Description - RR-212X-20PM-R1

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
4-002-152FBP ARIES-4-002-152FBP Datasheet
583Kb / 1P
Fusion Bonded Cable Jumpers
logo
Intel Corporation
PRO1000MT INTEL-PRO1000MT Datasheet
421Kb / 2P
High-Performance Gigabit Copper Connection for Servers
logo
List of Unclassifed Man...
1344318 ETC2-1344318 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs, Bonded Stranded (7x32) Tinned Copper Conductors
1347824 ETC2-1347824 Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1348449 ETC2-1348449 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors
1351272 ETC2-1351272 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
11700A ETC2-11700A Datasheet
35Kb / 5P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
logo
Delta Electronics, Inc.
IPM04C0A0R DELTA-IPM04C0A0R Datasheet
741Kb / 15P
Copper pad to provide excellent thermal performance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com