Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR-GMM4-16PK-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RR-GMM4-16PK-R1
Description  Newly developed thin fan profile delivers uncompromised cooling performance in a compact package.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RR-GMM4-16PK-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RR-GMM4-16PK-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RR-GMM4-16PK-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Super low profile cooler (59mm / 2.3in height) with
4 direct contact heat pipes.
A base engineered to minimize CPU contact gaps
provides excellent heat conduction.
Suitable for limited space applications (e.g. HTPC or
slim systems).
Newly developed thin fan profile delivers
uncompromised cooling performance in a compact
package.
Unique heat pipe layout combines two very effective
cooling methods to increase cooling efficiency while
maintaining a low profile heat sink
GeminII M4 is a super low profile CPU cooler (59mm /
2.3in height) designed for a system with limited space,
such as mini-ITX, HTPC, or any small desktop. With its
4 direct contact heat pipes and unique heat pipe layout,
GeminII M4 not only keeps compact size but provides
amazing cooling performance.
CPU Socket
Intel® LGA1366/1156/1155/775
AMD FM1/AM3+/AM3/AM2+/AM2
Dimensions
137 x 122 x 59mm (5.4 x 4.8 x 2.3 inch)
Heat Sink Dimensions
120x 118 x 44 mm (4.7 x 4.6 x 1.7 inch)
Heat Sink Material
4 Direct Contact Heat Pipes
Aluminum Fins
Heat Sink Weight
210g (0.46 lb)
Heat Pipe Dimensions
Ø6mm
Fan Dimensions
120 x 120 x 15mm (4.7 x 4.7 x 0.6 inch)
Fan Speed
500 - 1600 RPM (PWM) ± 10%
Fan Air Flow
17.4 – 58.4 CFM ± 10%
Fan Air Pressure
0.18 – 1.76mm H2O ± 10%
Fan Life Expectancy
40,000 hrs
Noise Level
8 – 30 dBA
Bearing Type
Long Life Sleeve Bearing
Connector
4-Pin
Fan Weight
79g (0.17 lb)
Weight
289g (0.64 lb)
EAN Code
4719512032930
UPC Code
884102013140
Package Dimensions
152 x 93 x 175 mm
(6.0 x 3.7 x 6.9 inch)
Carton Dimensions
403 x 322 x 383 mm
(15.9 x 12.7 x 15.1 inch)
Unit / Carton
16
Carton / Pallet
45
GeminII M4
RR-GMM4-16PK-R1
2 years
Features
Specifications
Package Information
Warranty


Similar Part No. - RR-GMM4-16PK-R1

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
RR-1248 BUD-RR-1248 Datasheet
26Kb / 1P
TABLE TOP RELAY RACK
RR-1249 BUD-RR-1249 Datasheet
26Kb / 1P
TABLE TOP RELAY RACK
RR-1263 BUD-RR-1263 Datasheet
60Kb / 1P
OPEN RELAY RACK
RR-1265 BUD-RR-1265 Datasheet
53Kb / 1P
OPEN RELAY RACK
RR-1270 BUD-RR-1270 Datasheet
53Kb / 1P
OPEN RELAY RACK
More results

Similar Description - RR-GMM4-16PK-R1

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9345 HAMAMATSU-S9345 Datasheet
99Kb / 2P
Si PIN photodiode Dual-element photodiode using newly developed small, thin package
logo
Advanced Thermal Soluti...
ATS-60000-C2-R0 ATS-ATS-60000-C2-R0 Datasheet
272Kb / 1P
Low Profile, High Performance Cooling
REV1_0908
ATS1376 ATS-ATS1376 Datasheet
205Kb / 1P
Low Profile, High Performance Cooling
ATS1377 ATS-ATS1377 Datasheet
204Kb / 1P
Low Profile, High Performance Cooling
ATS1378 ATS-ATS1378 Datasheet
251Kb / 1P
Low Profile, High Performance Cooling
logo
Fairchild Semiconductor
FNB41560 FAIRCHILD-FNB41560_13 Datasheet
3Mb / 16P
FNB41560 Is A Motion SPM 45 Series that Fairchild Has Newly Developed to Provide A Very Compact and High...
logo
Arch Electronics Corp.
AQFC480E_SERIES ARCH-AQFC480E_SERIES Datasheet
461Kb / 5P
Cooling by Built-in DC FAN
logo
Rohm
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
Thin, ultra-compact package
logo
STEGO Elektrotechnik Gm...
CR030 STEGO-CR030 Datasheet
236Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CR130 STEGO-CR130 Datasheet
240Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com