| Electronic Components Datasheet Search |
|
DM2502W Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM2502W Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 8 page ![]() TLF5702 November 1995 DM2502 DM2503 DM2504 Successive Approximation Registers General Description The DM2502 DM2503 and DM2504 are 8-bit and 12-bit TTL registers designed for use in successive approximation AD converters These devices contain all the logic and control circuits necessary in combination with a DA con- verter to perform successive approximation analog-to-digital conversions The DM2502 has 8 bits with serial capability and is not ex- pandable The DM2503 has 8 bits and is expandable with- out serial capability The DM2504 has 12 bits with serial capability and expandability All three devices are available in ceramic DIP ceramic flat- pak and molded Epoxy-B DIPs The DM2502 DM2503 and DM2504 operate over b55 Cto a125 C the DM2502C DM2503C and DM2504C operate over 0 Cto a70 C Features Y Complete logic for successive approximation AD con- verters Y 8-bit and 12-bit registers Y Capable of short cycle or expanded operation Y Continuous or start-stop operation Y Compatible with DA converters using any logic code Y Active low or active high logic outputs Y Use as general purpose serial-to-parallel converter or ring counter Logic Diagram Connection Diagrams (Dual-In-Line and Flat Packages) DM2502 DM2503 DM2504 TLF5702 – 1 Order Number DM2502J DM2502CJ DM2503J or DM2503CJ See NS Package J16A Order Number DM2502CN or DM2503CN See NS Package N16A Order Number DM2502W DM2502CW DM2503W or DM2503CW See NS Package W16A Order Number DM2504F or DM2504CJ See NS Package F24D Order Number DM2504J or DM2504CJ See NS Package J24A Order Number DM2504CN See NS Package N24A C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Similar Part No. - DM2502W |
|
Similar Description - DM2502W |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |