| Electronic Components Datasheet Search |
|
PIC16LF72 Datasheet(PDF) 86 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF72 Datasheet(HTML) 86 Page - Microchip Technology |
|
86 / 136 page ![]() PIC16F72 DS39597B-page 84 2002 Microchip Technology Inc. 13.13 PICDEM 3 Low Cost PIC16CXXX Demonstration Board The PICDEM 3 demonstration board is a simple dem- onstration board that supports the PIC16C923 and PIC16C924 in the PLCC package. It will also support future 44-pin PLCC microcontrollers with an LCD Mod- ule. All the necessary hardware and software is included to run the basic demonstration programs. The user can program the sample microcontrollers pro- vided with the PICDEM 3 demonstration board on a PRO MATE II device programmer, or a PICSTART Plus development programmer with an adapter socket, and easily test firmware. The MPLAB ICE in-circuit emula- tor may also be used with the PICDEM 3 demonstration board to test firmware. A prototype area has been pro- vided to the user for adding hardware and connecting it to the microcontroller socket(s). Some of the features include a RS-232 interface, push button switches, a potentiometer for simulated analog input, a thermistor and separate headers for connection to an external LCD module and a keypad. Also provided on the PICDEM 3 demonstration board is a LCD panel, with 4 commons and 12 segments, that is capable of display- ing time, temperature and day of the week. The PICDEM 3 demonstration board provides an additional RS-232 interface and Windows software for showing the demultiplexed LCD signals on a PC. A simple serial interface allows the user to construct a hardware demultiplexer for the LCD signals. 13.14 PICDEM 17 Demonstration Board The PICDEM 17 demonstration board is an evaluation board that demonstrates the capabilities of several Microchip microcontrollers, including PIC17C752, PIC17C756A, PIC17C762 and PIC17C766. All neces- sary hardware is included to run basic demo programs, which are supplied on a 3.5-inch disk. A programmed sample is included and the user may erase it and program it with the other sample programs using the PRO MATE II device programmer, or the PICSTART Plus development programmer, and easily debug and test the sample code. In addition, the PICDEM 17 dem- onstration board supports downloading of programs to and executing out of external FLASH memory on board. The PICDEM 17 demonstration board is also usable with the MPLAB ICE in-circuit emulator, or the PICMASTER emulator and all of the sample programs can be run and modified using either emulator. Addition- ally, a generous prototype area is available for user hardware. 13.15 KEELOQ Evaluation and Programming Tools KEELOQ evaluation and programming tools support Microchip’s HCS Secure Data Products. The HCS eval- uation kit includes a LCD display to show changing codes, a decoder to decode transmissions and a pro- gramming interface to program test transmitters. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |