Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP34063 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP34063
Description  Universal DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP34063 Datasheet(HTML) 3 Page - Anachip Corp

  AP34063 Datasheet HTML 1Page - Anachip Corp AP34063 Datasheet HTML 2Page - Anachip Corp AP34063 Datasheet HTML 3Page - Anachip Corp AP34063 Datasheet HTML 4Page - Anachip Corp AP34063 Datasheet HTML 5Page - Anachip Corp AP34063 Datasheet HTML 6Page - Anachip Corp AP34063 Datasheet HTML 7Page - Anachip Corp AP34063 Datasheet HTML 8Page - Anachip Corp AP34063 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Universal DC/DC Converter
AP34063
Anachip Corp.
www.anachip.com.tw
Rev.A5 Feb.10, 2004
3/10
Note: 3.Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as
possible.
4.If the output switch is driven into hard saturation (non-Darlington configuration) at low switch currents (
≤300mA) and high
driver currents (
≥ 30mA), it may take up to 2.0 µs for it to come out of saturation.? This condition will shorten the off time at
frequencies
≥ 30kHz, and is magnified at high temperatures. This condition does not occur with a Darlington configuration,
since the output switch cannot saturate. If a non-Darlington configuration is used, the following output drive condition is
recommended:
IC output
Forced ß of output switch :
IC driver - 7.0mA*
≥ 10
*The 100Ω resistor in the emitter of the driver device requires about 7.0mA before the output switch conducts.
Representative Schematic Diagram
1.25V
Reference
Regulator
Ipk
Oscillator
CT
R
SQ
Q2
Q1
100
Comparator
+
_
(Bottom View)
8
7
6
5
1
2
3
4
Gnd
Timing
Capacitor
Switch
Emitter
Switch
Collector
Drive
Collector
Ipk
Sense
VCC
Comparator
Inverting
Input



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com