Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM45 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM45
Description  SOT-23 Precision Centigrade Temperature Sensors8
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM45 Datasheet(HTML) 1 Page - Texas Instruments

  LM45 Datasheet HTML 1Page - Texas Instruments LM45 Datasheet HTML 2Page - Texas Instruments LM45 Datasheet HTML 3Page - Texas Instruments LM45 Datasheet HTML 4Page - Texas Instruments LM45 Datasheet HTML 5Page - Texas Instruments LM45 Datasheet HTML 6Page - Texas Instruments LM45 Datasheet HTML 7Page - Texas Instruments LM45 Datasheet HTML 8Page - Texas Instruments LM45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM45
www.ti.com
SNIS117C – AUGUST 1999 – REVISED FEBRUARY 2013
LM45 SOT-23 Precision Centigrade Temperature Sensors
Check for Samples: LM45
1
FEATURES
DESCRIPTION
The LM45 series are precision integrated-circuit
2
Calibrated Directly in ° Celsius (Centigrade)
temperature sensors, whose output voltage is linearly
Linear + 10.0 mV/°C Scale Factor
proportional to the Celsius (Centigrade) temperature.
±3°C Accuracy Guaranteed
The LM45 does not require any external calibration or
trimming to provide accuracies of ±2°C at room
Rated for Full
−20° to +100°C Range
temperature and ±3°C over a full
−20 to +100°C
Suitable for Remote Applications
temperature range. Low cost is assured by trimming
Low Cost Due to Wafer-Llevel Trimming
and calibration at the wafer level. The LM45's low
output impedance, linear output, and precise inherent
Operates from 4.0V to 10V
calibration make interfacing to readout or control
Less than 120
μA Current Drain
circuitry especially easy. It can be used with a single
Low Self-Heating, 0.20°C in Still Air
power supply, or with plus and minus supplies. As it
draws only 120
μA from its supply, it has very low
Nonlinearity Only ±0.8°C Max Over Temp
self-heating, less than 0.2°C in still air. The LM45 is
Low Impedance Output, 20
Ω for 1 mA Load
rated to operate over a
−20° to +100°C temperature
range.
APPLICATIONS
Battery Management
Connection Diagram
FAX Machines
Printers
Portable Medical Instruments
HVAC
Power Supply Modules
Figure 1. SOT-23
Disk Drives
Top View
Computers
Package Number DBZ0003A
Automotive
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM45

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM45 NSC-LM45 Datasheet
215Kb / 9P
SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM45 TI2-LM45 Datasheet
604Kb / 20P
LM45 SOT-23 Precision Centigrade Temperature Sensors
REVISED FEBRUARY 2013
logo
National Semiconductor ...
LM4500A NSC-LM4500A Datasheet
252Kb / 7P
LM4500A High Fidelity FM Stereo Demodulator with Blend
LM4500AN NSC-LM4500AN Datasheet
252Kb / 7P
LM4500A High Fidelity FM Stereo Demodulator with Blend
More results

Similar Description - LM45

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM45 NSC-LM45 Datasheet
215Kb / 9P
SOT-23 Precision Centigrade Temperature Sensors
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM45B NSC-LM45B Datasheet
195Kb / 8P
SOT-23 Precision Centigrade Temperature Sensors
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LMT90 TI-LMT90 Datasheet
910Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com