Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM70 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM70
Description  LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM70 Datasheet(HTML) 5 Page - Texas Instruments

  LM70 Datasheet HTML 1Page - Texas Instruments LM70 Datasheet HTML 2Page - Texas Instruments LM70 Datasheet HTML 3Page - Texas Instruments LM70 Datasheet HTML 4Page - Texas Instruments LM70 Datasheet HTML 5Page - Texas Instruments LM70 Datasheet HTML 6Page - Texas Instruments LM70 Datasheet HTML 7Page - Texas Instruments LM70 Datasheet HTML 8Page - Texas Instruments LM70 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM70
www.ti.com
SNIS112G – JUNE 2000 – REVISED MARCH 2013
Logic Electrical Characteristics Digital DC Characteristics
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V for the LM70-3 and V+ = 4.5V to 5.5V for the LM70-
5. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ=+25°C, unless otherwise noted.
Units
Parameter
Test Conditions
Typical(1)
Limits(2)
(Limit)
VIN(1)
Logical “1” Input Voltage
V+ × 0.7
V (min)
V+ + 0.3
V (max)
VIN(0)
Logical “0” Input Voltage
−0.3
V (min)
V+ × 0.3
V (max)
Input Hysteresis Voltage
V+ = 2.65V to 3.6V
0.8
0.27
V (min)
V+ = 4.5V to 5.5V
0.8
0.35
V (min)
IIN(1)
Logical “1” Input Current
VIN = V
+
0.005
3.0
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−3.0
μA (min)
CIN
All Digital Inputs
20
pF
VOH
High Level Output Voltage
IOH = −400 μA
2.4
V (min)
VOL
Low Level Output Voltage
IOL = +2 mA
0.4
V (max)
IO_TRI-STATE
TRI-STATE Output Leakage Current
VO = GND
−1
μA (min)
VO = V
+
+1
μA (max)
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are guaranteed to AOQL (Average Outgoing Quality Level).
Logic Electrical Characteristics Serial Bus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V for the LM70-3 and V+ = 4.5V to 5.5V for the LM70-
5, CL (load capacitance) on output lines = 100 pF unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to
TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Units
Parameter
Test Conditions
Typical(1)
Limits(2)
(Limit)
t1
SC (Clock) Period
0.16
μs (min)
DC
(max)
t2
CS Low to SC (Clock) High Set-Up Time
100
ns (min)
t3
CS Low to Data Out (SO) Delay
70
ns (max)
t4
SC (Clock) Low to Data Out (SO) Delay
70
ns (max)
t5
CS High to Data Out (SO) TRI-STATE
200
ns (min)
t6
SC (Clock) High to Data In (SI) Hold Time
60
ns (min)
t7
Data In (SI) Set-Up Time to SC (Clock) High
30
ns (min)
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are guaranteed to AOQL (Average Outgoing Quality Level).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com