Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM73 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM73 Datasheet(HTML) 1 Page - Texas Instruments

  LM73 Datasheet HTML 1Page - Texas Instruments LM73 Datasheet HTML 2Page - Texas Instruments LM73 Datasheet HTML 3Page - Texas Instruments LM73 Datasheet HTML 4Page - Texas Instruments LM73 Datasheet HTML 5Page - Texas Instruments LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM73
SMBDAT
SMBCLK
ADDR
1
5
6
4
VDD = 2.7V to 5.5V
Typical bypass 0.1 PF
3
2
To hardware
shutdown
To / from processor
2-wire interface
Address (set as desired for one
of three addresses)
ALERT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM73
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
1 Features
3 Description
The LM73 is an integrated, digital-output temperature
1
Single Address Pin Offers Choice of Three
sensor featuring an incremental Delta-Sigma ADC
Selectable Addresses Per Version for a Total of
with a two-wire interface that is compatible with the
Six Possible Addresses.
SMBus and I2C interfaces. The host can query the
SMBus and I2C-compatible Two-Wire Interface
LM73 at any time to read temperature.
Supports 400-Khz Operation
Available in a 6-pin SOT package, the LM73 occupies
Shutdown Mode With One-shot Feature Available
very little board area while operating over a wide
for Very Low Average Power Consumption
temperature range (–40°C to 150°C) and providing
±1°C accuracy from –10°C to 80°C. The user can
Programmable Digital Temperature Resolution
optimize between the conversion time and the
From 11 Bits to 14 Bits
sensitivity of the LM73 by programming it to report
Fast Conversion Rate Ideal for Quick Power Up
temperature in any of four different resolutions.
and Measuring Rapidly Changing Temperature
Defaulting to 11-bit mode (0.25°C/LSB), the LM73
Open-Drain ALERT Output Pin Goes Active When
measures temperature in a maximum time of 14 ms,
making
it
ideal
for
applications
that
require
Temperature is Above a Programmed
temperature data very soon after power-up. In its
Temperature Limit
maximum resolution, 14-bit mode (0.03125°C/LSB),
Very Stable, Low-noise Digital Output
the LM73 is optimized to sense very small changes in
UL Recognized Component
temperature.
Key Specifications
A single multi-level address line selects one of three
Supply Current
unique device addresses. An open-drain ALERT
output goes active when the temperature exceeds a
Operating
programmable limit. Both the data and clock lines are
320 µA (Typical)
filtered for excellent noise tolerance and reliable
495 µA (Maximum)
communication. Additionally, a time-out feature on the
Shutdown
clock
and
data
lines
causes
the
LM73
to
automatically reset these lines if either is held low for
8 µA (Maximum)
an extended time, thus exiting any bus lock-up
1.9 µA (Typical)
condition without processor intervention.
Temperature Accuracy
Device Information(1)
−10°C to 80°C: ±1.0°C (Maximum)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
−25°C to 115°C: ±1.5°C (Maximum)
LM73
SOT (6)
2.90 mm × 1.60 mm
−40°C to 150°C: ±2°C (Maximum)
(1) For all available packages, see the orderable addendum at
Resolution
the end of the datasheet.
0.25°C to 0.03125°C
Typical Application
Conversion Time
11-Bit (0.25°C): 14 ms (Maximum)
14-Bit (0.03125°C): 112 ms (Maximum)
2 Applications
Portable Electronics
Notebook Computers
Automotive
System Thermal Management
Office Electronics
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM73

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM73 NSC-LM73 Datasheet
731Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73 NSC-LM73 Datasheet
733Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73 TI1-LM73 Datasheet
1Mb / 26P
LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73 TI2-LM73 Datasheet
796Kb / 31P
LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
REVISED OCTOBER 2015
LM73 TI2-LM73 Datasheet
780Kb / 31P
LM73-Q1 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
DECEMBER 2016
More results

Similar Description - LM73

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
logo
National Semiconductor ...
LM73 NSC-LM73 Datasheet
731Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73 NSC-LM73_06 Datasheet
733Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Analog Devices
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
logo
Texas Instruments
LM73CIMK-0 TI1-LM73CIMK-0 Datasheet
1Mb / 26P
LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Analog Devices
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060 AD-AD5060_15 Datasheet
461Kb / 24P
Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
logo
Texas Instruments
LM73-Q1 TI1-LM73-Q1 Datasheet
566Kb / 27P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
logo
Maxim Integrated Produc...
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com