Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40SDB Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 40SDB
Description  40 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

40SDB Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  40SDB Datasheet HTML 1Page - DIOTEC Electronics Corporation 40SDB Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
DataSheetNo.BSDB-4000-1B
MECHANICAL SPECIFICATION
40 AMP SILICONBRIDGERECTIFIERS
E47
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive loads, derate current by 20%.
TypicalThermalResistance,JunctiontoCase
MinimumInsulationBreakdownVoltage(CircuittoCase)
RGJC
°C/W
Maximum AverageDCReverseCurrent
AtRatedDCBlockingVoltage
IRM
mA
@T =25 C
A
o
@T =125 C
A
o
1
50
2500
1.1
JunctionTemperatureRange
TJ
°C
-55to+150
StorageTemperatureRange
TSTG
-55to+150
3.01 40sdb
0.125 Nom
0.750
19.0
n/a
n/a
n/a
n/a
n/a
n/a
0.200 Typ
1.27 Typ
3.175 Nom
5.08 Typ
28.4
28.7
1.12
1.13
10.3
0.405
0.050 Typ
15.9
0.625
MILLIMETERS
INCHES
MIN
MIN
MAX
MAX
SYM
BL
BW
LD
LL
LM
LO
LS
AverageForwardRectifiedCurrent@T =75 C
C
o
PARAMETER(TESTCONDITIONS)
MaximumDCBlockingVoltage
MaximumPeakRecurrentReverseVoltage
MaximumRMSVoltage
SeriesNumber
IO
VRMS
VRRM
VRM
SYMBOL
SDB
SDB
RATINGS
UNITS
VOLTS
SDB
SDB
SDB
SDB
SDB
50
100
200
400
1000
35
70
140
280
700
40
PeakForwardSurgeCurrent. Single60HzHalf-SineWave
SuperimposedonRatedLoad(JEDECMethod).T =125 C
J
O
ForwardVoltage(PerDiode)at20 AmpsDC
VOLTS
VOLTS
AMPS
VFM
VISO
IFSM
600
1.10
600
800
50
100
200
400
1000
600
800
420
560
4000
4001
4002
4004
4006
4008
4010
Max.
Typ.
1.02
UL RECOGNIZED-FILE#E124962
HEAT
SINK
BL
TOP VIEW
BOTTOMVIEW
612
DIOTEC
BL
LL
LM
LS LS LS
+
_
BW
LO
+
-
AC
LD
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
BUILT-INSTRESSRELIEFMECHANISMFOR
SUPERIORRELIABILITY ANDPERFORMANCE
INTEGRALLY MOLDEDHEATSINKPROVIDESVERY
LOWTHERMAL RESISTANCEFORMAXIMUMHEAT
TRANSFER
SPACESAVINGIN-LINEDESIGNFORPRINTED
CIRCUITBOARD APPLICATIONS
VOIDFREEVACUUMDIESOLDERINGFORMAXIMUM
MECHANICAL STRENGTH ANDHEATDISSIPATION
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
MECHANICAL DATA
Max.mountingtorque=20in-lb.
Case:
Terminals:Roundsilverplatedcopperpinsorfast-onterminals
Soldering:PerMIL-STD202Method208guaranteed
Polarity:Markedonsideofcase
MountingPosition: Any.Throughholefor#10screw.
Weight:
Case:Moldedepoxywithintegralheatsink
EpoxycarriesaU/L Flammabilityratingof94V-0
0.55Ounces(16.0Grams)
RoHSCOMPLIANT
SDB4006
R
U
SERIES:SDB4000-SDB4010
HOLEFOR
#10SCREW
(Nom.HoleDia.=0.208")


Similar Part No. - 40SDB

ManufacturerPart #DatasheetDescription
logo
Weller Tools
40SA WELLER-40SA Datasheet
948Kb / 2P
SMD tweezers with round tips, dia. 0.4 mm/.015 Inch. Serrated finger grips for secure handling. For gripping small wires and cylindrical components.
logo
ABB
40SB4 ABB-40SB4 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
Ohmite Mfg. Co.
40SERIES OHMITE-40SERIES Datasheet
378Kb / 2P
All-welded construction
logo
ABB
40SF3 ABB-40SF3 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
Microsemi Corporation
40SL MICROSEMI-40SL Datasheet
100Kb / 2P
4 AMP AXIAL-LEAD FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - 40SDB

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SDB4000 DEC-SDB4000 Datasheet
305Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
04KBL DEC-04KBL Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
08SBU DEC-08SBU Datasheet
169Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
15DBP DEC-15DBP Datasheet
138Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
25DBP DEC-25DBP Datasheet
137Kb / 2P
25 AMP SILICON BRIDGE RECTIFIERS
50SDB DEC-50SDB Datasheet
98Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com