Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCOCXOHS Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # SCOCXOHS
Description  3.3 & 5.0V OCXO Sine Output Low Phase Noise
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

SCOCXOHS Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  SCOCXOHS Datasheet HTML 1Page - Golledge Electronics Ltd SCOCXOHS Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
SM Package Options
14-pin DIL OCXOs
02 Jul 10
Option D1
Option D2
10.50
(max)
22.00
(max)
25.40
(max)
1
5
23
4
2.50
2.50
17.80
SOLDER PAD LAYOUT
3.50
4.00
19.50
14.30
TOP VIEW
PAD
1
2
3
4
5
CONNECTION
Freq adjustment
or Ground
Not connected
Supply
Output
Ground
9.50
±0.20
20.14
±0.08
7.62
15.24
1
14
7
8
12.52
±0.08
15.24
2.00
5.00
5.60
SOLDER PAD LAYOUT
0.46Ø
PIN
1
7
8
14
CONNECTION
Freq adjustment
or Ground
Ground
Output
Supply
Soldering Profile
200
100
0
°C
Time
3°C/s max
Wave soldering:
Temp peak up to 260°C 5s max (at pins)
Peak temp
235°C
240
Slow
cooldown



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com