Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF72/SS Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16LF72/SS
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF72/SS Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16LF72/SS Datasheet HTML 4Page - Microchip Technology PIC16LF72/SS Datasheet HTML 5Page - Microchip Technology PIC16LF72/SS Datasheet HTML 6Page - Microchip Technology PIC16LF72/SS Datasheet HTML 7Page - Microchip Technology PIC16LF72/SS Datasheet HTML 8Page - Microchip Technology PIC16LF72/SS Datasheet HTML 9Page - Microchip Technology PIC16LF72/SS Datasheet HTML 10Page - Microchip Technology PIC16LF72/SS Datasheet HTML 11Page - Microchip Technology PIC16LF72/SS Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 136 page
background image
PIC16F72
DS39597B-page 6
 2002 Microchip Technology Inc.
TABLE 1-1:
PIC16F72 PINOUT DESCRIPTION
Pin Name
PDIP,
SOIC,
SSOP
Pin#
MLF
Pin#
I/O/P
Type
Buffer
Type
Description
OSC1/CLKI
9
6
I
ST/CMOS(3) Oscillator crystal input/external clock source input.
OSC2/CLKO
10
7
O
Oscillator crystal output. Connects to crystal or resonator in Crystal
Oscillator mode. In RC mode, the OSC2 pin outputs CLKO, which has
1/4 the frequency of OSC1, and denotes the instruction cycle rate.
MCLR/VPP
1
26
I/P
ST
Master Clear (Reset) input or programming voltage input. This pin is
an active low RESET to the device.
PORTA is a bi-directional I/O port.
RA0/AN0
2
27
I/O
TTL
RA0 can also be analog input0.
RA1/AN1
3
28
I/O
TTL
RA1 can also be analog input1.
RA2/AN2
4
1
I/O
TTL
RA2 can also be analog input2.
RA3/AN3/VREF
5
2
I/O
TTL
RA3 can also be analog input3 or analog reference voltage.
RA4/T0CKI
6
3
I/O
ST
RA4 can also be the clock input to the Timer0 module. Output is
open drain type.
RA5/AN4/SS
7
4
I/O
TTL
RA5 can also be analog input4 or the slave select for the
synchronous serial port.
PORTB is a bi-directional I/O port. PORTB can be software
programmed for internal weak pull-up on all inputs.
RB0/INT
21
18
I/O
TTL/ST(1)
RB0 can also be the external interrupt pin.
RB1
22
19
I/O
TTL
RB2
23
20
I/O
TTL
RB3
24
21
I/O
TTL
RB4
25
22
I/O
TTL
Interrupt-on-change pin.
RB5
26
23
I/O
TTL
Interrupt-on-change pin.
RB6/PGC
27
24
I/O
TTL/ST(2)
Interrupt-on-change pin. Serial programming clock.
RB7/PGD
28
25
I/O
TTL/ST(2)
Interrupt-on-change pin. Serial programming data.
PORTC is a bi-directional I/O port.
RC0/T1OSO/
T1CKI
11
8
I/O
ST
RC0 can also be the Timer1 oscillator output or Timer1 clock input.
RC1/T1OSI
12
9
I/O
ST
RC1 can also be the Timer1 oscillator input.
RC2/CCP1
13
10
I/O
ST
RC2 can also be the Capture1 input/Compare1 output/
PWM1 output.
RC3/SCK/SCL
14
11
I/O
ST
RC3 can also be the synchronous serial clock input/output for both
SPI and I2C modes.
RC4/SDI/SDA
15
12
I/O
ST
RC4 can also be the SPI Data In (SPI mode) or
Data I/O (I2C mode).
RC5/SDO
16
13
I/O
ST
RC5 can also be the SPI Data Out (SPI mode).
RC6
17
14
I/O
ST
RC7
18
15
I/O
ST
VSS
8, 19
5, 16
P
Ground reference for logic and I/O pins.
VDD
20
17
P
Positive supply for logic and I/O pins.
Legend: I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note
1: This buffer is a Schmitt Trigger input when configured as the external interrupt.
2: This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3: This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com