Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5342M Datasheet(PDF) 1 Page - AUK corp

Part # 2SC5342M
Description  NPN Silicon Transistor (Medium power amplifier)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

2SC5342M Datasheet(HTML) 1 Page - AUK corp

  2SC5342M Datasheet HTML 1Page - AUK corp 2SC5342M Datasheet HTML 2Page - AUK corp 2SC5342M Datasheet HTML 3Page - AUK corp 2SC5342M Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KST-I004-001
1
2SC5342M
NPN Silicon Transistor
Description
• Medium power amplifier
Features
• Large collector current : IC=500mA
• Low collector saturation voltage enabling low-voltage operation
• Complementary pair with 2SA1979M
Ordering Information
Type NO.
Marking
Package Code
2SC5342M
5342
TO-92M
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Emitter
2. Collector
3. Base
1
2
3
3.9~4.1
0.44 REF
0.52 REF
1.27 Typ.
2.44~2.64
2.9~3.1
3.8 Min.


Similar Part No. - 2SC5342M

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2SC5342M KODENSHI-2SC5342M Datasheet
173Kb / 4P
Medium power amplifier
2SC5342M KODENSHI-2SC5342M Datasheet
173Kb / 4P
Medium power amplifier
More results

Similar Description - 2SC5342M

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5342 AUK-2SC5342 Datasheet
221Kb / 4P
NPN Silicon Transistor (Medium power amplifier)
2SC5342S AUK-2SC5342S Datasheet
212Kb / 4P
NPN Silicon Transistor (Medium power amplifier)
2SC5342SF AUK-2SC5342SF Datasheet
212Kb / 4P
NPN Silicon Transistor (Medium power amplifier)
2SC5342U AUK-2SC5342U Datasheet
212Kb / 4P
NPN Silicon Transistor (Medium power amplifier)
2SC5342UF AUK-2SC5342UF Datasheet
93Kb / 4P
NPN Silicon Transistor (Medium power amplifier)
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
NPN Silicon Medium Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com