Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5344 Datasheet(PDF) 1 Page - AUK corp

Part # 2SC5344
Description  NPN Silicon Transistor (Audio power amplifier application)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

2SC5344 Datasheet(HTML) 1 Page - AUK corp

  2SC5344 Datasheet HTML 1Page - AUK corp 2SC5344 Datasheet HTML 2Page - AUK corp 2SC5344 Datasheet HTML 3Page - AUK corp 2SC5344 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KST-9006-003
1
2SC5344
NPN Silicon Transistor
Description
• Audio power amplifier application
Features
• High hFE : hFE=100~320
• Complementary pair with 2SA1981
Ordering Information
Type NO.
Marking
Package Code
2SC5344
C5344
TO-92
Outline Dimensions
unit : mm
4.4~4.6
0.38~0.42
1.27 Typ
.
2.54 Typ
.
1 2 3
3.35~3.55
2.15~2.35
1.96~2.16
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Emitter
2. Collector
3. Base


Similar Part No. - 2SC5344

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
2SC5344 BILIN-2SC5344 Datasheet
160Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Rectron Semiconductor
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
logo
Weitron Technology
2SC5344 WEITRON-2SC5344 Datasheet
744Kb / 4P
NPN General Purpose Transistors
logo
KODENSHI_AUK CORP.
2SC5344 KODENSHI-2SC5344 Datasheet
224Kb / 4P
Audio power amplifier application
logo
SeCoS Halbleitertechnol...
2SC5344 SECOS-2SC5344 Datasheet
298Kb / 2P
0.8A , 35V NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SC5344

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE171 NTE-NTE171 Datasheet
21Kb / 2P
Silicon NPN Transistor Audio/Video Amplifier
NTE194 NTE-NTE194 Datasheet
22Kb / 2P
Silicon NPN Transistor Audio Power Amplifier
logo
AUK corp
2SA1981 AUK-2SA1981 Datasheet
85Kb / 3P
PNP Silicon Transistor (Audio power amplifier application)
2SA1981S AUK-2SA1981S Datasheet
83Kb / 3P
PNP Silicon Transistor (Audio power amplifier application)
2SA1981SF AUK-2SA1981SF Datasheet
82Kb / 3P
PNP Silicon Transistor (Audio power amplifier application)
2SC5344S AUK-2SC5344S Datasheet
206Kb / 4P
NPN Silicon Transistor (Audio power amplifier application)
2SC5344SF AUK-2SC5344SF Datasheet
88Kb / 4P
NPN Silicon Transistor (Audio power amplifier application)
logo
NEC
2SC2958 NEC-2SC2958 Datasheet
168Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Power Amplifier
logo
Continental Device Indi...
CSA950 CDIL-CSA950 Datasheet
303Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR Audio Power Amplifier Application
logo
First Silicon Co., Ltd
2SD718 FS-2SD718 Datasheet
258Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR HIGH POWER AMPLIFIER APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com