Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5345 Datasheet(PDF) 1 Page - AUK corp

Part # 2SC5345
Description  NPN Silicon Transistor (RF amplifier)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

2SC5345 Datasheet(HTML) 1 Page - AUK corp

  2SC5345 Datasheet HTML 1Page - AUK corp 2SC5345 Datasheet HTML 2Page - AUK corp 2SC5345 Datasheet HTML 3Page - AUK corp 2SC5345 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KST-9007-001
1
2SC5345
NPN Silicon Transistor
Description
• RF amplifier
Features
• High current transition frequency
fT=550MHz(Typ.), [VCE=6V, IE=-1mA]
• Low output capacitance :
Cob=1.4pF(Typ.) [VCB=6V, IE=0]
• Low base time constant and high gain
• Excellent noise response
Ordering Information
Type NO.
Marking
Package Code
2SC5345
C5345
TO-92
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
4.5
±0.1
0.4
±0.02
1.27 Typ.
2.54 Typ.
1 2 3
3.45
±0.1
2.25
±0.1
2.06
±0.1
PIN Connections
1. Emitter
2. Collector
3. Base


Similar Part No. - 2SC5345

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
2SC5345 BILIN-2SC5345 Datasheet
190Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
KODENSHI_AUK CORP.
2SC5345 KODENSHI-2SC5345 Datasheet
264Kb / 5P
RF amplifier
logo
Shenzhen Jin Yu Semicon...
2SC5345 HTSEMI-2SC5345 Datasheet
496Kb / 2P
TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
2SC5345 SECOS-2SC5345 Datasheet
704Kb / 2P
0.02A , 30V NPN Plastic Encapsulated Transistor
logo
KODENSHI_AUK CORP.
2SC5345 KODENSHI-2SC5345 Datasheet
264Kb / 5P
RF amplifier
More results

java.net.SocketTimeoutException: Read timed outjava.lang.NullPointerException

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com