Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-331 Datasheet(PDF) 13 Page - Glenair, Inc.

Part # 050-331
Description  PC BOARD MOUNT DUAL-TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-331 Datasheet(HTML) 13 Page - Glenair, Inc.

Back Button 050-331 Datasheet HTML 8Page - Glenair, Inc. 050-331 Datasheet HTML 9Page - Glenair, Inc. 050-331 Datasheet HTML 10Page - Glenair, Inc. 050-331 Datasheet HTML 11Page - Glenair, Inc. 050-331 Datasheet HTML 12Page - Glenair, Inc. 050-331 Datasheet HTML 13Page - Glenair, Inc. 050-331 Datasheet HTML 14Page - Glenair, Inc. 050-331 Datasheet HTML 15Page - Glenair, Inc. 050-331 Datasheet HTML 16Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 13 of 16
E-mail: sales@glenair.com
050-331 Product Brief
PC Board Mount Dual-Transmitter
3G-SDI and HD-SDI, MMF, 3.3V
TABLE 8
TWO-WIRE INTERFACE ID: DATA FIELDS – ADDRESS A0H
Byte
Decimal
#
Hex
Data
Notes
Byte
Decimal
#
Hex
Data
Notes
0
80
Glenair PCB mount Dual Transmitter
37
00
Vendor OUI (NOT USED)
1
04
Serial ID Module Definition
38
00
Vendor OUI (NOT USED)
2
80
“GC” Fiber Optic Connector
39
00
Vendor OUI (NOT USED)
3
00
40
30
“0” Vendor Part Number ASCII character
4
00
41
35
“5” Vendor Part Number ASCII character
5
00
42
30
“0” Vendor Part Number ASCII character
6
00
43
2D
“-“ Vendor Part Number ASCII character
7
00
44
33
“3” Vendor Part Number ASCII character
8
00
45
33
“3” Vendor Part Number ASCII character
9
00
46
31
“1” Vendor Part Number ASCII character
10
00
47
2D
“-“ Vendor Part Number ASCII character
11
03
NRZ
48
32
“2” Vendor Part Number ASCII character (Note 5)
12
1E
BR, 3Gbps
49
20
Note 5
13
00
50
20
“ “ Vendor Part Number ASCII Character
14
00
51
20
“ “ Vendor Part Number ASCII Character
15
00
52
20
“ “ Vendor Part Number ASCII Character
16
64
1000m of 50/125mm Fiber @ 2.97 Gbps (Note 2)
53
20
“ “ Vendor Part Number ASCII Character
17
0E
140m of 62.5/125mm Fiber @ 2.97Gbps (Note 3)
54
20
“ “ Vendor Part Number ASCII Character
18
00
55
20
“ “ Vendor Part Number ASCII Character
19
00
56
20
“ “ Vendor REV Level ASCII Character
20
47
“G” Vendor NAME ASCII Character
57
20
“ “ Vendor REV Level ASCII Character
21
4C
“L” Vendor NAME ASCII Character
58
20
“ “ Vendor REV Level ASCII Character
22
45
“E” Vendor NAME ASCII Character
59
20
“ “ Vendor REV Level ASCII Character
23
4E
“N” Vendor NAME ASCII Character
60
03
Hex Byte of Laser Wavelength (Note 6)
24
41
“A” Vendor NAME ASCII Character
61
52
Hex Byte of Laser Wavelength (Note 6)
25
49
“I” Vendor NAME ASCII Character
62
RESERVED
26
52
“R” Vendor NAME ASCII Character
63
Check sum code for ID fields 0-62 (Note 7)
27
20
“ “ Vendor NAME ASCII Character
64
00
28
20
“ “ Vendor NAME ASCII Character
65
18
Hardware TX_Disable, TX_Fault,
29
20
“ “ Vendor NAME ASCII Character
66
00
30
20
“ “ Vendor NAME ASCII Character
67
00
31
20
“ “ Vendor NAME ASCII Character
68-83
Serial Number, ASCII (Note 8)
32
20
“ “ Vendor NAME ASCII Character
84-91
Date Code (Note 9)
33
20
“ “ Vendor NAME ASCII Character
92
68
Diagnostic Monitoring Type
34
20
“ “ Vendor NAME ASCII Character
93
A0
Enhanced Options
35
20
“ “ Vendor NAME ASCII Character
94
05
SFF-8472 rev 11.0
36
00
95
Checksum for bytes 64-94 (Note 7)
96-255
00
Notes:
1. RESERVED
2. OM3 (2000 MHz-km)
3. OM1 (275 MHz-km)
4. RESERVED.
5. Table 1, Part number options/extensions
6. Laser wavelength is represented in 16 unsigned bits. The hex representation of 850nm is 0352.
7. Addresses 63 and 95 are checksums calculated per SFF-8472 and SFF-8074, and stored prior to product shipment.
8. Addresses 68-83 specify the module’s ASCII serial number and will vary by unit.
9. Addresses 84-91 specify the module’s ASCII date code and will vary according to manufactured date-code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com