Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATP102 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ATP102
Description  P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP102 Datasheet(HTML) 3 Page - ON Semiconductor

  ATP102 Datasheet HTML 1Page - ON Semiconductor ATP102 Datasheet HTML 2Page - ON Semiconductor ATP102 Datasheet HTML 3Page - ON Semiconductor ATP102 Datasheet HTML 4Page - ON Semiconductor ATP102 Datasheet HTML 5Page - ON Semiconductor ATP102 Datasheet HTML 6Page - ON Semiconductor ATP102 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ATP102
No. A1479-3/7
| yfs | -- I
D
RDS(on) -- VGS
RDS(on) -- Tc
ID -- VDS
ID -- VGS
IS -- VSD
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
IT14690
IT14687
--60 --40 --20
160
0
--30
--10
--15
--20
--25
--5
1000
100
2
2
IT14694
IT14692
IT14691
--0.1
--1.0
23
5 7
3
--1.2
--1.0
--1.1
--0.6
--0.5
--0.4
--0.8
--0.9
--0.7
--0.3
--0.001
--0.01
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
--0.1
--1.0
--10
--100
5
7
7
2
10
1.0
5
7
3
2
2
--10
35 7
--100
57
23
--0.1
--1.0
23
5 7
2
--10
35 7
--100
57
23
0
20
40
60
80
100 120 140
3
5
3
5
7
7
Single pulse
Tc=
--25
°C
25
°C
75
°C
Ciss
Crss
IT14693
10
100
2
3
5
5
7
7
7
2
3
td(off)
VDD= --15V
VGS= --10V
f=1MHz
tr
--0.6
--0.4
--0.2
--0.8 --1.0 --1.2
--2.0
--1.4 --1.6 --1.8
0
0
--5
--10
--40
--35
--25
--30
--15
--20
0
--5
--10
--50
--35
--40
--30
--25
--45
--20
--15
0
IT14689
--2
--1
--4
--3
--6
--5
--8 --9
--7
--10 --11
--16
--12
--14 --15
--13
0
40
15
30
25
20
35
5
10
5
10
50
40
35
25
20
15
30
45
IT14688
--0.5
--1.5 --2.0
--1.0
--2.5
--4.5
--4.0
--5.0
--3.5
--3.0
0
--4.0V
VGS= --3.5V
VDS= --10V
Single pulse
tf
V GS
= --4.5V
, I D
= --10A
VGS
= --10V
, ID=
--20A
Coss
td(on)
--4.5V
ID= --10A
--20A
VDS= --10V
Single pulse
Tc=25
°C
Single pulse
VGS=0V
Single pulse
Tc=25
°C
Single pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com