Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF3442VT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MGSF3442VT1
Description  N?묬hannel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF3442VT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MGSF3442VT1 Datasheet HTML 1Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 2Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 3Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 4Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 5Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 6Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 7Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Publication Order Number:
MGSF3442VT1/D
© Semiconductor Components Industries, LLC, 2000
September, 2004 − Rev. XXX
1
MGSF3442VT1
Preferred Device
Power MOSFET
4 Amps, 20 Volts
N−Channel TSOP−6
These miniature surface mount MOSFETs low RDS(on) assure
minimal power loss and conserve energy, making these devices ideal
for use in small power management circuitry. Typical applications are
dc−d c converters, power management in portable and
battery−powered products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
• Low R
DS(on) Provides Higher Efficiency and Extends Battery Life
• Miniature TSOP−6 Surface Mount Package Saves Board Space
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 8.0
Vdc
Drain Current
− Continuous @ TA = 25°C
− Pulsed Drain Current (tp ≤ 10 µs)
ID
IDM
4.0
20
A
Total Power Dissipation @ TA = 25°C
Mounted on FR4 t
 5 sec
PD
2.0
W
Operating and Storage Temperature
Range
TJ, Tstg
− 55 to
150
°C
Thermal Resistance − Junction−to−Ambient
RθJA
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, for 10 seconds
TL
260
°C
4 AMPERES
20 VOLTS
RDS(on) = 70 mΩ
3
4
6
5
2
1
Device
Package
Shipping
ORDERING INFORMATION
MGSF3442VT1
TSOP−6
3000 Tape & Reel
N−Channel
TSOP−6
CASE 318G
STYLE 1
http://onsemi.com
W
MARKING
DIAGRAM
442
442
= Device Code
W
= Work Week
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.
3
2
1
4
Gate
Drain
Source
6
5
4
1
2
3
5
6
Drain
Drain
Drain


Similar Part No. - MGSF3442VT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGSF3442VT1 MOTOROLA-MGSF3442VT1 Datasheet
142Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
More results

Similar Description - MGSF3442VT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com