Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF3N06HD Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDF3N06HD
Description  N?묬hannel SO??, Dual Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF3N06HD Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF3N06HD Datasheet HTML 1Page - ON Semiconductor MMDF3N06HD Datasheet HTML 2Page - ON Semiconductor MMDF3N06HD Datasheet HTML 3Page - ON Semiconductor MMDF3N06HD Datasheet HTML 4Page - ON Semiconductor MMDF3N06HD Datasheet HTML 5Page - ON Semiconductor MMDF3N06HD Datasheet HTML 6Page - ON Semiconductor MMDF3N06HD Datasheet HTML 7Page - ON Semiconductor MMDF3N06HD Datasheet HTML 8Page - ON Semiconductor MMDF3N06HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMDF3N06HD
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
V(BR)DSS
60
−
−
Vdc
Zero Gate Voltage Drain Current
(VDS = 48 Vdc, VGS = 0 Vdc)
(VDS = 48 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
0.001
0.05
1.0
25
µAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
−
12
100
nAdc
ON CHARACTERISTICS (Note 2.)
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mAdc)
VGS(th)
1.0
−
−
Vdc
Static Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 3.3 Adc)
(VGS = 4.5 Vdc, ID = 2.5 Adc)
RDS(on)
−
−
67.5
82.5
100
200
m
W
Forward Transconductance
(VDS = 15 Vdc, ID = 1.5 Adc)
gFS
−
7.5
−
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vd
V
0Vd
Ciss
−
442
618
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
−
97.6
137
Transfer Capacitance
f = 1.0 MHz)
Crss
−
24.4
34.2
SWITCHING CHARACTERISTICS (Note 3.)
Turn−On Delay Time
td(on)
−
10.6
22.1
ns
Rise Time
(VDD = 30 Vdc, ID = 3.3 Adc,
VGS =45Vdc
tr
−
15.9
31.8
Turn−Off Delay Time
VGS = 4.5 Vdc,
RG = 30 Ω)
td(off)
−
23.8
47.6
Fall Time
RG
30
Ω)
tf
−
14.7
29.4
Turn−On Delay Time
td(on)
−
7.0
14
ns
Rise Time
(VDD = 15 Vdc, ID = 3.0 Adc,
VGS =10Vdc
tr
−
4.8
9.6
Turn−Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
−
32.4
64.8
Fall Time
RG
9.1
Ω)
tf
−
14.2
28.4
Gate Charge
(S
Fi
8)
QT
−
14.5
29
nC
(See Figure 8)
(VDS = 30 Vdc, ID = 3.3 Adc,
Q1
−
1.8
−
(VDS
30 Vdc, ID
3.3 Adc,
VGS = 10 Vdc)
Q2
−
3.5
−
Q3
−
3.75
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 1.7 Adc, VGS = 0 Vdc)
(IS = 1.7 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
−
−
0.78
0.65
1.2
−
Vdc
Reverse Recovery Time
(I
17Ad
V
0Vd
trr
−
27.9
−
ns
(IS = 1.7 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
−
23
−
dIS/dt = 100 A/µs)
tb
−
4.9
−
Reverse Recovery Stored Charge
QRR
−
0.038
−
µC
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com