Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA128-HT Datasheet(PDF) 21 Page - Texas Instruments

Part # INA128-HT
Description  INA12x-HT Precision, Low-Power Instrumentation Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA128-HT Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA128-HT_15 Datasheet HTML 17Page - Texas Instruments INA128-HT_15 Datasheet HTML 18Page - Texas Instruments INA128-HT_15 Datasheet HTML 19Page - Texas Instruments INA128-HT_15 Datasheet HTML 20Page - Texas Instruments INA128-HT_15 Datasheet HTML 21Page - Texas Instruments INA128-HT_15 Datasheet HTML 22Page - Texas Instruments INA128-HT_15 Datasheet HTML 23Page - Texas Instruments INA128-HT_15 Datasheet HTML 24Page - Texas Instruments INA128-HT_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
INA129
R
G/2
R = 5.6k
G
W
V
O
LA
RL
RA
10kW
Ref
G = 10
2.8kW
V
V
G
G
2.8kW
1/2
OPA2131
390kW
390kW
1/2
OPA2131
NOTE: Due to the INA129’s current-feedback
topology, VG is approximately 0.7 V less than
the common-mode input voltage. This DC offset
in this guard potential is satisfactory for many
guarding applications.
INA129
R
G
I
B
R
V
1
IN
+
A
1
I
O
Load
Ref
I
O
V
IN
R
1
· G
A
I
1
B ERROR
OPA177
±1.5 nA
OPA131
±50 pA
OPA602
±1 pA
OPA128
±75 fA
-
=
INA128-HT, INA129-HT
www.ti.com
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
Low Voltage Operation (continued)
(1)
OPA177, OPA131, OPA602, and OPA128 are not tested or characterized at 210°C.
Figure 30. Differential Voltage-to-Current Converter
(1)
OPA2131 is not tested or characterized at 210°C.
Figure 31. ECG Amplifier With Right-Leg Drive
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com