Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO5451 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5451
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5451 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO5451 Datasheet HTML 12Page - Texas Instruments ISO5451 Datasheet HTML 13Page - Texas Instruments ISO5451 Datasheet HTML 14Page - Texas Instruments ISO5451 Datasheet HTML 15Page - Texas Instruments ISO5451 Datasheet HTML 16Page - Texas Instruments ISO5451 Datasheet HTML 17Page - Texas Instruments ISO5451 Datasheet HTML 18Page - Texas Instruments ISO5451 Datasheet HTML 19Page - Texas Instruments ISO5451 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
ISO5451
SLLSEO1B – JUNE 2015 – REVISED DECEMBER 2015
www.ti.com
9.3 Feature Description
9.3.1 Supply and active Miller clamp
The ISO5451 supports both bipolar and unipolar power supply with active Miller clamp.
For operation with bipolar supplies, the IGBT is turned off with a negative voltage on its gate with respect to its
emitter. This prevents the IGBT from unintentionally turning on because of current induced from its collector to its
gate due to Miller effect. In this condition it is not necessary to connect CLAMP output of the gate driver to the
IGBT gate. Typical values of VCC2 and VEE2 for bipolar operation are 15 V and -8 V with respect to GND2.
For operation with unipolar supply, typically, VCC2 is connected to 15 V with respect to GND2, and VEE2 is
connected to GND2. In this use case, the IGBT can turn-on due to additional charge from IGBT Miller
capacitance caused by a high voltage slew rate transition on the IGBT collector. To prevent IGBT to turn on, the
CLAMP pin is connected to IGBT gate and Miller current is sinked through a low impedance CLAMP transistor.
Miller CLAMP is designed for miller current up to 2 A. When the IGBT is turned-off and the gate voltage
transitions below 2 V the CLAMP current output is activated.
9.3.2 Active Output Pull-down
The Active output pull-down feature ensures that the IGBT gate OUT is clamped to VEE2 to ensure safe IGBT off-
state when the output side is not connected to the power supply.
9.3.3 Undervoltage Lockout (UVLO) with Ready (RDY) Pin Indication Output
Undervoltage Lockout (UVLO) ensures correct switching of IGBT. The IGBT is turned-off, if the supply VCC1
drops below VIT-(UVLO1), irrespective of IN+, IN- and RST input till VCC1 goes above VIT+(UVLO1).
In similar manner, the IGBT is turned-off, if the supply VCC2 drops below VIT-(UVLO2), irrespective of IN+, IN- and
RST input till VCC2 goes above VIT+(UVLO2).
Ready (RDY) pin indicates status of input and output side Under Voltage Lock-Out (UVLO) internal protection
feature. If either side of device have insufficient supply (VCC1 or VCC2), the RDY pin output goes low; otherwise,
RDY pin also serves as an indication to the micro-controller that the device is ready for operation.
9.3.4 Fault (FLT) and Reset (RST)
During IGBT overload condition, to report desaturation error FLT goes low. If RST is held low for the specified
duration, FLT is cleared at rising edge of RST. RST has an internal filter to reject noise and glitches. By asserting
RST for at-least the specified minimum duration, device input logic can be enabled or disabled.
9.3.5 Short Circuit Clamp
Under short circuit events it is possible that currents are induced back into the gate-driver OUT and CLAMP pins
due to parasitic Miller capacitance between the IGBT collector and gate terminals. Internal protection diodes on
OUT and CLAMP help to sink these currents while clamping the voltages on these pins to values slightly higher
than the output side supply.
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO5451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com