Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5656 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G5656
Description  3A Step-down DC/DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5656 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G5656 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5656 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 0.4
Aug 03, 2009
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5657
Global Mixed-mode Technology Inc.
3A Step-down DC/DC
Features
3A Output Current
0.15
Ω Internal Power MOSFET Switch
Stable with Low ESR Output Ceramic Capaci-
tors
Up to 95% Efficiency
25µA Shutdown Mode
Fixed 380kHz Frequency
Thermal Shutdown
Cycle-by-Cycle Over Current Protection
Wide 4.75V to 20V Operating Input Range
Output Adjustable from 0.92V to 12V
Available in SOP-8(FD) Package
Applications
PC Monitors
DSL Modems
Distributed Power Systems
Pre-Regulator for Linear Regulators
General Description
The G5657 is a monolithic step-down switch mode
regulator with a built in internal power MOSFET. It
achieves 3A continuous output current over a wide in-
put supply range with excellent load and line regulation.
Current mode operation provides fast transient re-
sponse ans eases loop stabilization.
Fault condition protection includes cycle-by-cycle cur-
rent limiting, output short circuit protection and thermal
shutdown. In shutdown mode the regulator draws 25µA
of supply current. Programmable soft-start overwrites
the internal soft-start for various requirement of output
power up ramp and minimizes the inrush supply current
at initial startup.
The G5657 requires a minimum number of readily
available standard external components. It is available
in a SOP-8 (FD) package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5657F11U
G5657
-40°C to +85°C
SOP-8 (FD)
G5657F12U
G5657A
-40°C to +85°C
SOP-8 (FD)
Note: F1: SOP-8 (FD)
1 & 2: Bonding Code
U : Tape & Reel
Pin Configuration
Typical Application Circuit
3.3V/3A
3.3V/3A
EN
COMP
FB
LX
GND
VIN
4.75V~20V
D1
SS34
10µH
R1/62k
Ω
R2/24k
Ω
C
C2
optional
IN
C
C
22µF
MLCC
VOUT
10µF
R
C
G5657
ON
OFF
VOUT = 0.92V x
(1+
)
R1
R2
EN
COMP
FB
LX
GND
D1
SS34
10µH
R1/62k
Ω
R2/24k
Ω
IN
0.1µF
VOUT
G5657
100µF/220µF
Electrolytic
VIN
4.75V~20V
C
C2
C
C
10µF
R
C
ON
OFF
SS
0.1µF
SS
0.1µF
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
NC
G5657F11U
IN
8
6
5
1
2
3
4
SS
LX
EN
COMP
FB
GND
SOP-8 (FD)
7
EN
G5657F12U
LX
8
6
5
1
2
3
4
NC
IN
GND
SS
COMP
FB
7
Thermal
Pad
Thermal
Pad
SOP-8 (FD)
3.3V/3A
3.3V/3A
EN
COMP
FB
LX
GND
VIN
4.75V~20V
D1
SS34
10µH
R1/62k
Ω
R2/24k
Ω
C
C2
optional
IN
C
C
22µF
MLCC
VOUT
10µF
R
C
G5657
ON
OFF ON
OFF
VOUT = 0.92V x
(1+
)
R1
R2
EN
COMP
FB
LX
GND
D1
SS34
10µH
R1/62k
Ω
R2/24k
Ω
IN
0.1µF
VOUT
G5657
100µF/220µF
Electrolytic
VIN
4.75V~20V
C
C2
C
C
10µF
R
C
ON
OFF ON
OFF
SS
0.1µF
SS
0.1µF
SS
0.1µF
SS
0.1µF
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
NC
G5657F11U
IN
8
6
5
1
2
3
4
SS
LX
EN
COMP
FB
GND
SOP-8 (FD)
7
EN
G5657F12U
LX
8
6
5
1
2
3
4
NC
IN
GND
SS
COMP
FB
7
Thermal
Pad
Thermal
Pad
Thermal
Pad
Thermal
Pad
SOP-8 (FD)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com