Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SESD5Z Datasheet(PDF) 1 Page - Diotech Company.

Part # SESD5Z
Description  TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SESD5Z Datasheet(HTML) 1 Page - Diotech Company.

  SESD5Z Datasheet HTML 1Page - Diotech Company. SESD5Z Datasheet HTML 2Page - Diotech Company. SESD5Z Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SESD5Z Series
TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
General Description
The SESD5Z Series are designed to protect voltage
sensitive components from ESD and transient voltage
events. Excellent clamping capability, low leakage, and
fast response time, make these parts ideal for ESD
protection on designs where board space is at a
premium.
Applications
Cellular phones
Portable devices
Digital cameras
Power supplies
Features
Small Body Outline Dimensions
Low Body Height
Stand−off Voltage: 3.3 V − 12.0 V
Peak Power up to 200 Watts @ 8 x 20 µs
Pulse
Low Leakage
Response Time is Typically < 1 ns
Complies with the following standards
IEC61000-4-2
Level 4 15 kV (air discharge)
8 kV(contact discharge)
MIL STD 883E - Method 3015-7 Class 3
25 kV HBM (Human Body Model)
Functional diagram
SOD-523
Absolute Ratings (Tamb=25°C )
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp = 8/20μs)
200
W
TL
Maximum lead temperature for soldering during 10s
260
°C
Tstg
Storage Temperature Range
-55 to +155
°C
Top
Operating Temperature Range
-40 to +125
°C
Tj
Maximum junction temperature
150
°C
IEC61000-4-2 (ESD)
air discharge
contact discharge
±
15
±
8
kV
IEC61000-4-4 (EFT)
40
A
ESD Voltage
Per Human Body Model
Per Machine Model
25
400
kV
V
SOD523
Dim
Min
Max
A
0.25
0.35
B
0.70
0.90
C
1.50
1.70
H
1.10
1.30
K
0.55
0.65
L
0.10
0.30
M
0.10
0.12
All Dimensions in mm
H
C
A
B
K
M
L


Similar Part No. - SESD5Z

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
SESD5Z NIUHANG-SESD5Z Datasheet
1Mb / 5P
TRANSIENT VOLTAGE SUPPERSSOR FOR ESD PROTECTION
SESD5Z12T1G NIUHANG-SESD5Z12T1G Datasheet
1Mb / 5P
TRANSIENT VOLTAGE SUPPERSSOR FOR ESD PROTECTION
SESD5Z2.5T1G NIUHANG-SESD5Z2.5T1G Datasheet
1Mb / 5P
TRANSIENT VOLTAGE SUPPERSSOR FOR ESD PROTECTION
SESD5Z3.3T1G NIUHANG-SESD5Z3.3T1G Datasheet
1Mb / 5P
TRANSIENT VOLTAGE SUPPERSSOR FOR ESD PROTECTION
SESD5Z5.0T1G NIUHANG-SESD5Z5.0T1G Datasheet
1Mb / 5P
TRANSIENT VOLTAGE SUPPERSSOR FOR ESD PROTECTION
More results

Similar Description - SESD5Z

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com