Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM712 Datasheet(PDF) 2 Page - Diotech Company.

Part # SM712
Description  Asymmetrical TVS Diode for Extended Common-Mode RS-485
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SM712 Datasheet(HTML) 2 Page - Diotech Company.

  SM712 Datasheet HTML 1Page - Diotech Company. SM712 Datasheet HTML 2Page - Diotech Company. SM712 Datasheet HTML 3Page - Diotech Company. SM712 Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM712
Asymmetrical TVS Diode for Extended Common-Mode RS-485
d
n
a
3
o
t
1
s
n
i
P
3
o
t
2
)
S
V
T
V
2
1
(
d
n
a
1
o
t
3
s
n
i
P
2
o
t
3
)
S
V
T
V
7
(
r
e
t
e
m
a
r
a
l
P
o
b
m
y
s
S
n
o
i
ti
d
n
o
C
N
I
M
P
Y
T
X
A
M
N
I
M
P
Y
T
X
A
M
s
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
V
R
M
W
R
1
o
t
2
n
i
P
r
o
1
o
t
3
n
i
2
P
1
7
V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
V
R
R
B
I
T
P
A
m
1
=
3
.
3
5
1
.
V
7
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
I
R
R
V
=
R V
M
W
R
1
0
2
µ
A
e
g
a
tl
o
V
g
n
i
p
m
a
l
V
C
C
I
P
P
,
A
5
=
s
µ
0
2
/
8
=
p
t
0
2
0
1
V
e
g
a
tl
o
V
g
n
i
p
m
a
l
V
C
C
I
P
P
,
A
7
1
=
s
µ
0
2
/
8
=
p
t
6
2
2
1
V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
C
J
j
V
R
z
H
M
1
=
f
,
V
0
5
=
7
5
7
F
p
V
R
V
=
M
W
R
z
H
M
1
=
f
5
,
4
5
4
F
p
●
Electrical Characteristics(Tamb=25 )
°C
●
Electrical Characteristics Curve
t
d
600W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
Peak Pulse Power VS Pulse Time



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com