Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR05 Datasheet(PDF) 2 Page - Diotech Company.

Part # SR05
Description  LOW CAPACITANCE TVS ARRAY / ESD ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SR05 Datasheet(HTML) 2 Page - Diotech Company.

  SR05 Datasheet HTML 1Page - Diotech Company. SR05 Datasheet HTML 2Page - Diotech Company. SR05 Datasheet HTML 3Page - Diotech Company. SR05 Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SR05
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
●
Electrical Characteristics Curve
●
Electrical Characteristics(Tamb=25 )
°C
r
e
t
e
m
a
r
a
l
P
o
b
m
y
s
S
n
o
i
ti
d
n
o
m
C
u
m
i
n
i
M
l
a
c
i
p
y
T
m
u
m
i
x
a
M
s
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
V
R
M
W
R
5
V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
V
R
R
B
I
t
A
m
1
V
6
=
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
I
R
R
V
M
W
R
C
°
5
2
=
T
,
V
5
A
5
=
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
V
C
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
1
8
=
.
9
V
e
g
a
tl
o
V
g
n
i
p
m
a
l
V
C
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
0
1
2
=
1
V
e
g
a
tl
o
V
g
n
i
p
m
a
l
V
C
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
5
2
0
=
2
V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
C
J
j
d
n
a
s
n
i
p
O
/
I
n
e
e
w
t
e
B
d
n
u
o
r
G
V
R
z
H
M
1
=
f
,
V
0
=
6
0
1
F
p
s
n
i
p
O
/
I
n
e
e
w
t
e
B
V
R
z
H
M
1
=
f
,
V
0
=
F
3
p
t
d - Pulse d
500W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
Peak Pulse Power VS Pulse Time



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com