Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G960 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G960
Description  3.3V 1A Low Dropout Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G960 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G960 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 3.2
Oct 11, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G960
Global Mixed-mode Technology
3.3V 1A Low Dropout Regulator
Features
Dropout voltage typically 0.8V @ IO = 1A
Output current in excess of 1A
Output voltage accuracy ±2%
Quiescent current, typically 600 A
Internal short circuit current limit
Internal over temperature protection
Applications
CD-R/W
ADSL
Cable Modem
Set-Top-Box
LAN switch/Hub
Router
DVD-R/W
General Description
The G960 positive 3.3V voltage regulator features
the ability to source 1A of output current with a
dropout voltage of typically 0.8V over the entire op-
erating temperature range. A low quiescent current
is provided over the entire current output current
range. The typical quiescent current is 0.6mA. Fur-
thermore, the quiescent current is smaller when the
regulator is in the dropout mode (VIN < 3.3V).
Familiar regulator features such as over tempera-
ture and over current protection circuits are pro-
vided to prevent it from being damaged by ab-
normal operating conditions.
Ordering Information
PIN OPTION
ORDER NUMBER
(Pb free/Green)
MARKING
TEMP.
RANGE
PACKAGE
1
2
3
G960T33Tf
960T33
-40°C~85°C
TO-220
GND
VOUT
VIN
G960T35Tf
960T35
-40°C~85°C
TO-220
VIN
GND
VOUT
G960T36Tf
960T36
-40°C~85°C
TO-220
VIN
VOUT
GND
G960T43Uf
960T43
-40°C~85°C
TO-252
GND
VOUT
VIN
G960T45Uf
960T45
-40°C~85°C
TO-252
VIN
GND
VOUT
G960T43D
960T43
-40°C~85°C
TO-252
GND
VOUT
VIN
G960T45D
960T45
-40°C~85°C
TO-252
VIN
GND
VOUT
G960T53Uf
960T53
-40°C~85°C
TO-263
GND
VOUT
VIN
G960T63Uf
960T63
-40°C~85°C
SOT-223
GND
VOUT
VIN
G960T65Uf
960T65
-40°C~85°C
SOT-223
VIN
GND
VOUT
Order Number Identification
GXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T3 : TO-220
1
2
3
U & D : Tape & Reel Direction
T4 : TO-252
1 : VOUT
GND
VIN
T : Tube
T5 : TO-263
2 : VOUT
VIN
GND
T6 : SOT-223
3 : GND
VOUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Package Type
Typical Application
[Note 4] : Type of COUT
Top View
1
2
3
SOT-223
Top View
1
2
3
TO-252、
、
、
、263
1
3
TO-220
2
Top View
G960
C1
0.47 F
IQ
V
IN
V
OUT
I
O
C
OUT
10 F
Top View
Top View
1
2
3
SOT-223
Top View
1
2
3
TO-252、
、
、
、263
Top View
1
2
3
TO-252、
、
、
、263
1
3
TO-220
2
Top View
1
3
TO-220
2
Top View
G960
C1
0.47 F
IQ
V
IN
V
OUT
I
O
C
OUT
10 F


Similar Part No. - G960

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
G960T33T ETC-G960T33T Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
G960T36T ETC-G960T36T Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
G960T43U ETC-G960T43U Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
G960T45U ETC-G960T45U Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
More results

Similar Description - G960

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
1A Low Dropout Regulator
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
logo
Allegro MicroSystems
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
Global Mixed-mode Techn...
G9133 GMT-G9133 Datasheet
232Kb / 8P
3.3V 1A Low Dropout Regulator with Disable
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
1A Low Dropout Regulator
logo
Silicon Standard Corp.
SS8027G SSC-SS8027G Datasheet
299Kb / 10P
3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
1A Low Dropout Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com