Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTSF2P02HD Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTSF2P02HD
Description  P?묬hannel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTSF2P02HD Datasheet(HTML) 3 Page - ON Semiconductor

  MTSF2P02HD Datasheet HTML 1Page - ON Semiconductor MTSF2P02HD Datasheet HTML 2Page - ON Semiconductor MTSF2P02HD Datasheet HTML 3Page - ON Semiconductor MTSF2P02HD Datasheet HTML 4Page - ON Semiconductor MTSF2P02HD Datasheet HTML 5Page - ON Semiconductor MTSF2P02HD Datasheet HTML 6Page - ON Semiconductor MTSF2P02HD Datasheet HTML 7Page - ON Semiconductor MTSF2P02HD Datasheet HTML 8Page - ON Semiconductor MTSF2P02HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MTSF2P02HD
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted) (Note 2.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(Cpk
≥ 2.0)
(Notes 2. & 4.)
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
12.7
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 16 Vdc, VGS = 0 Vdc)
(VDS = 16 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
0.015
0.03
1.0
25
µAdc
Gate−Body Leakage Current (VGS = ± 8.0 Vdc, VDS = 0)
IGSS
0.05
100
nAdc
ON CHARACTERISTICS (Note 3.)
Gate Threshold Voltage
(Cpk
≥ 2.0) (Note 4.)
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
0.5
1.1
2.5
1.4
Vdc
mV/
°C
Static Drain−to−Source On−Resistance
(Cpk
≥ 2.0) (Note 4.)
(VGS = 4.5 Vdc, ID = 2.4 Adc)
(VGS = 2.7 Vdc, ID = 1.2 Adc)
RDS(on)
70
100
90
120
m
Forward Transconductance (VDS = 10 Vdc, ID = 1.2 Adc)
(Note 2.)
gFS
2.6
4.4
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
15 Vd
V
0Vd
Ciss
550
pF
Output Capacitance
(VDS = 15 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
375
Transfer Capacitance
f = 1.0 MHz)
Crss
150
SWITCHING CHARACTERISTICS (Note 4.)
Turn−On Delay Time
td(on)
10
ns
Rise Time
(VDS = 10 Vdc, ID = 2.4 Adc,
tr
27
Turn−Off Delay Time
(VDS
10 Vdc, ID
2.4 Adc,
VGS = 4.5 Vdc, RG = 6.0 Ω) (Note 2.)
td(off)
75
Fall Time
tf
110
Turn−On Delay Time
td(on)
22
Rise Time
(VDD = 10 Vdc, ID = 1.2 Adc,
tr
110
Turn−Off Delay Time
(VDD
10 Vdc, ID
1.2 Adc,
VGS = 2.7 Vdc, RG = 6.0 Ω) (Note 2.)
td(off)
55
Fall Time
tf
85
Gate Charge
QT
12.5
18
nC
(VDS = 16 Vdc, ID = 2.4 Adc,
Q1
1.5
(VDS
16 Vdc, ID
2.4 Adc,
VGS = 4.5 Vdc) (Note 2.)
Q2
6.4
Q3
5.8
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 2.4 Adc, VGS = 0 Vdc) (Note 2.)
(IS = 2.4 Adc, VGS = 0 Vdc,
TJ = 125°C)
VSD
0.85
0.71
1.0
Vdc
Reverse Recovery Time
trr
179
ns
(IS = 2.4 Adc, VGS = 0 Vdc,
ta
39
(IS
2.4 Adc, VGS
0 Vdc,
dIS/dt = 100 A/µs) (Note 2.)
tb
140
Reverse Recovery Stored Charge
QRR
0.28
µC
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperature.
4. Reflects typical values.
Cpk =
Max limit − Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com