Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB210S Datasheet(PDF) 2 Page - Diotech Company.

Part # MB210S
Description  SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MB210S Datasheet(HTML) 2 Page - Diotech Company.

  MB210S Datasheet HTML 1Page - Diotech Company. MB210S Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MB22S THRU MB210S
RATINGS AND CHARACTERISTIC CURVES
Reverse Voltage (Volts)
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4A - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
0.1
1.0
10
100
100
1000
10
TJ=25°C
f=1.0MHz
TJ=25°C
TJ=75°C
TJ=100°C
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
Fig.1 - Forward Current Derating Curve
0
25
50
75 100
125 150 175
Lead Temperature ( °C)
2.4
2.0
1.6
1.2
0.8
0.4 single phase half wave 60Hz
resistive or inductive load
3.75"(9.5mm) lead length
1
10
100
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
1
10
100
O
TL=110 C
8.3mS single half sine-wave
(JEDEC Method)
TJ=125°C
10000
1000
100
10
1.0
0.1
0
20
40
60
80
100
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4B - Typical Reverse Characteristics
MB22S ~ MB26S
MB28S ~ MB210S
Fig. 3 - Typical Instantaneour Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0
0.2
0.4
0.6
0.8
1.0
pulse width =300µS
1% duty cycle, Tj
=25°C
10
1.0
0.1
0.01
MB22S ~ MB24S
MB26S
MB28S~MB210S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com