Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3LP01M Datasheet(PDF) 2 Page - ON Semiconductor

Part # 3LP01M
Description  P-Channel Small Signal MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

3LP01M Datasheet(HTML) 2 Page - ON Semiconductor

  3LP01M Datasheet HTML 1Page - ON Semiconductor 3LP01M Datasheet HTML 2Page - ON Semiconductor 3LP01M Datasheet HTML 3Page - ON Semiconductor 3LP01M Datasheet HTML 4Page - ON Semiconductor 3LP01M Datasheet HTML 5Page - ON Semiconductor 3LP01M Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3LP01M
No.6139-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID= --1mA, VGS=0V
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS= --30V, VGS=0V
--1
μA
Gate to Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS= --10V, ID= --100μA
--0.4
--1.4
V
Forward Transfer Admittance
| yfs |
VDS= --10V, ID= --50mA
80
110
mS
Static Drain to Source On-State Resistance
RDS(on)1
ID= --50mA, VGS= --4V
8
10.4
Ω
RDS(on)2
ID= --30mA, VGS= --2.5V
11
15.4
Ω
RDS(on)3
ID= --1mA, VGS= --1.5V
27
54
Ω
Input Capacitance
Ciss
VDS= --10V, f=1MHz
7.5
pF
Output Capacitance
Coss
5.7
pF
Reverse Transfer Capacitance
Crss
1.8
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
24
ns
Rise Time
tr
55
ns
Turn-OFF Delay Time
td(off)
120
ns
Fall Time
tf
130
ns
Total Gate Charge
Qg
VDS= --10V, VGS= --10V, ID= --100mA
1.43
nC
Gate to Source Charge
Qgs
0.18
nC
Gate to Drain “Miller” Charge
Qgd
0.25
nC
Diode Forward Voltage
VSD
IS= --100mA, VGS=0V
--0.83
--1.2
V
Switching Time Test Circuit
PW=10μs
D.C.≤1%
0V
--4V
VIN
P.G
50Ω
G
D
ID= --50mA
RL=300Ω
VDD= --15V
VOUT
3LP01M
S
VIN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com