Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3LP01SS Datasheet(PDF) 4 Page - ON Semiconductor

Part # 3LP01SS
Description  P-Channel Small Signal MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

3LP01SS Datasheet(HTML) 4 Page - ON Semiconductor

  3LP01SS Datasheet HTML 1Page - ON Semiconductor 3LP01SS Datasheet HTML 2Page - ON Semiconductor 3LP01SS Datasheet HTML 3Page - ON Semiconductor 3LP01SS Datasheet HTML 4Page - ON Semiconductor 3LP01SS Datasheet HTML 5Page - ON Semiconductor 3LP01SS Datasheet HTML 6Page - ON Semiconductor 3LP01SS Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3LP01SS
No.6648-4/7
0
0
--1
--2
--3
--4
--5
--6
--7
--8
1.6
0.6
0.8
1.0
1.2
1.4
0.2
0.4
--9
--10
VDS= --10V
ID= --0.1A
0
1.0
--5
10
7
5
3
2
7
5
3
2
--10
--15
100
--20
--30
--25
f=1MHz
IT00085
IT00087
IT00088
Ciss
Coss
Crss
--0.01
23
5
7
10
7
5
3
2
7
5
3
2
--0.1
1000
100
IT00086
VDD= --15V
VGS= --4V
tf
tr
td(off)
td(on)
Diode Forward Voltage, VSD -- V
IS -- VSD
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
SW Time -- ID
Total Gate Charge, Qg -- nC
VGS -- Qg
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
--1.1
--0.01
--0.1
3
2
7
5
3
2
VGS=0V
0
0.20
0.10
0.05
0.15
0
40
120
160
80
20
100
140
60
IT02381
Ambient Temperature, Ta --
°C
PD -- Ta



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com