Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TWS-HS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TWS-HS
Description  Wireless High Power Transmitter Module (RF ASK)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TWS-HS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TWS-HS Datasheet HTML 1Page - List of Unclassifed Manufacturers TWS-HS Datasheet HTML 2Page - List of Unclassifed Manufacturers TWS-HS Datasheet HTML 3Page - List of Unclassifed Manufacturers TWS-HS Datasheet HTML 4Page - List of Unclassifed Manufacturers TWS-HS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
TWS-HS Datasheet P.2
Key Feature
 Output Power up to 0.5W
 Voltage Supply from 4.5V to 5.5V
 Transmitter Data Rate 8Kbps
Application
 Remote control aircraft
 Remote control alarm
 Wireless toy
 Long-distance switch
 Long-distance walkie-talkie
Characteristic
Parameter
Min
Type
Max
Unit
Condition
Operating Conditions
Operating Temperature
Range
-10
+70
℃
Soldering Temperature
+230
℃
10sec
Operating Supply Voltage
4.5
5.5
V
Current Consumption
Tx Mode
270
mA
0.5W
Standby Mode
33
mA
E/D=H
TWS-HS Series for Frequency
TWS-HS-3
314.90
315.00
315.10
MHz
ASK
TWS-HS-6
433.82
433.92
434.02
MHz
ASK
RF Characteristic
Span Range
-100
+100
KHz
Data Rate
8
Kbps
ASK
Output Power
27
dBm
0.5W
Turn On/Off Time
300
us
Modulation
ASK



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com