Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1947VC Datasheet(PDF) 6 Page - ON Semiconductor

Part # LB1947VC
Description  Forward/Reverse Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1947VC Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LB1947VC Datasheet HTML 2Page - ON Semiconductor LB1947VC Datasheet HTML 3Page - ON Semiconductor LB1947VC Datasheet HTML 4Page - ON Semiconductor LB1947VC Datasheet HTML 5Page - ON Semiconductor LB1947VC Datasheet HTML 6Page - ON Semiconductor LB1947VC Datasheet HTML 7Page - ON Semiconductor LB1947VC Datasheet HTML 8Page - ON Semiconductor LB1947VC Datasheet HTML 9Page - ON Semiconductor LB1947VC Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LB1947VC
No.A2035-6/11
Sample Application Circuits
1. Forward/reverse motor with current limiter
14
9
10
6
4
12
3
1
7
2
13
15
8
OUTA
E
OUTA
VI
ST
VBB
VCC
IN1
IN2
VREF
CR
MD
GND
RE
5V
24V
M
Control
logic
circuit
Current
select
circuit
One-shot
multi-
blanking
time
Thermal
shutdown circuit
UVLO
*Schottky barrier type for external diodes.
Limiter current setting method
I = VREF/ (5 × RE)
IN1
IN2
ST
OUTA
OUTA
Mode
H
L
H
H
L
Forward
H
H
H
L
H
Reverse
L
H
H
L
L
Brake
L
L
H
OFF
OFF
Output OFF
−
−
L
OFF
OFF
Standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com