Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE45133 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45133
Description  N Female Connector Crimp/Solder Attachment 4 Hole Flange Mount for RG316, RG174, LMR-100 IP67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45133 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45133 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45133 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45133 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Plotted and Other Data
Notes:
N Female Connector Crimp/Solder Attachment 4 Hole Flange Mount for RG316, RG174, LMR-100 IP67 Rated from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Crimp/Solder Attachment 4 Hole Flange Mount for RG316, RG174, LMR-
100 IP67 Rated PE45133
URL: http://www.pasternack.com/n-female-rg316-rg174-lmr-100-connector-pe45133-p.aspx
PE45133 REV 1.0
RF Connectors Technical Data Sheet
PE45133
N Female Connector Crimp/Solder Attachment 4 Hole
Flange Mount for RG316, RG174, LMR-100 IP67 Rated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com