Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE45138 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45138
Description  SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG58, RG303, LMR-195
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45138 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45138 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45138 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45138 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG58, RG303, LMR-195 Interface Type
• Crimp/Solder Attachment
• Bulkhead
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.3:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
0.882 in [22.4 mm]
Width/Dia.
0.315 in [8.00 mm]
.
Weight
0.041 lbs [18.6 g]
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
50µ in. minimum
Insulation
Teflon
Outer Conductor
Brass
Gold
3µ in. minimum
Body
Brass
Gold
3µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303,
LMR-195 PE45138
PE45138 REV 1.0
SMA Female Bulkhead Mount Connector Crimp/
Solder Attachment for RG58, RG303, LMR-195
RF Connectors Technical Data Sheet
PE45138


Similar Part No. - PE45138

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4513 PASTERNACK-PE4513 Datasheet
118Kb / 1P
75 OHM N MALE CLAMP ATTACHMENT FOR RG179 &RG187
PE45130 PASTERNACK-PE45130 Datasheet
338Kb / 3P
TNC Female Bulkhead Mount Connector Solder TNC Female Bulkhead Mount Connector Solder
PE45131 PASTERNACK-PE45131 Datasheet
357Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 IP67 Rated
PE45132 PASTERNACK-PE45132 Datasheet
359Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment for RG178, RG196 IP67 Rated
PE45133 PASTERNACK-PE45133 Datasheet
351Kb / 3P
N Female Connector Crimp/Solder Attachment 4 Hole Flange Mount for RG316, RG174, LMR-100 IP67 Rated
More results

Similar Description - PE45138

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44460 PASTERNACK-PE44460 Datasheet
265Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE4420 PASTERNACK-PE4420 Datasheet
109Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44532 PASTERNACK-PE44532 Datasheet
206Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE44544 PASTERNACK-PE44544 Datasheet
210Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE51167 PASTERNACK-PE51167 Datasheet
375Kb / 3P
NMO Mount Connector Crimp-Solder Attachment for RG58, LMR-195
PE44606 PASTERNACK-PE44606 Datasheet
234Kb / 3P
QN Female Bulkhead Connector Crimp - Solder Attachment For RG58, RG141, RG303, .500 inch Diameter
PE45141 PASTERNACK-PE45141 Datasheet
349Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
PE44106 PASTERNACK-PE44106 Datasheet
336Kb / 3P
MHV Female Bulkhead Mount Connector Clamp/Solder Attachment for RG55, RG58, RG141, RG142, RG223, RG303, RG400, PE-C195, PE-P195, LMR-195
PE45071 PASTERNACK-PE45071 Datasheet
485Kb / 5P
QN Male Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
PE45140 PASTERNACK-PE45140 Datasheet
356Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com