Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8140AM Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8140AM
Description  EL Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8140AM Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

  SM8140AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8140AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8140AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8140AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8140AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8140AM Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SM8140A
NIPPON PRECISION CIRCUITS—6
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to
improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for
the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits
are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision
Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.
The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or
malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter,
including compliance with export controls on the distribution or dissemination of the products. Customers shall not export, directly or
indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies..
NIPPON PRECISION CIRCUITS INC.
4-3, 2-chome Fukuzumi
Koto-ku, Tokyo 135-8430, Japan
Telephone: 03-3642-6661
Facsimile: 03-3642-6698
NC9612CE
1998.03
NIPPON PRECISION CIRCUITS INC.
CHV
LDR
VSS1
OCL2
OCL1
OCE2
OCEl
OUT1
OUT2
CP2
CP1
CPO
VDD
ENA
+
EL sheet
0.1
µF
100V
100k
Ω
3.9M
Ω
1.0k
Ω
5.0V
1.5mH
EL sheet : SPI ULTRA
−THIN TYPE
EL sheet size : 40 to 60cm
Current consumption : 25mA (typ.)
Diode : TOSHIBA 1SS250
Coil : MURATA LQH4N152K04M00
510
Ω
CHV
LDR
VSS1
OCL2
OCL1
OCE2
OCEl
OUT1
OUT2
CP2
CP1
CPO
VDD
ENA
+
EL sheet
0.1
µF
100V
36k
Ω
3.9M
Ω
1.0k
Ω
5.0V
0.33mH
EL sheet : SPI ULTRA
−THIN TYPE
EL sheet size : 60 to 80cm
Current consumption : 45mA (typ.)
Diode : TOSHIBA 1SS250
Coil : MURATA LQH4N331K04M00
510
Ω
CHV
LDR
VSS1
OCL2
OCL1
OCE2
OCEl
OUT1
OUT2
CP2
CP1
CPO
VDD
ENA
+
EL sheet
0.1
µF
100V
68k
Ω
3.9M
Ω
1.0k
Ω
5.0V
0.47mH
EL sheet : SPI ULTRA
−THIN TYPE
EL sheet size : 80 to 100cm
Current consumption : 55mA (typ.)
Diode : TOSHIBA 1SS250
Coil : TOKO 817CE471M
510
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com