Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE45182 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45182
Description  Reverse Polarity BNC Female Connector Crimp/ Solder Attachment for RG188-DS, RG316-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45182 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45182 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45182 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45182 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Female Reverse Polarity Connector
• MIL-C-39012
• 50 Ohms
• Straight Body Geometry
• RG188-DS, RG316-DS Interface Type
• Crimp/Solder Attachment
.
Mechanical Specifications
Size
Length
1.28 in [32.51 mm]
Width/Dia.
0.45 in [11.43 mm]
.
Weight
0.02 lbs [9.07 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
3µ-5µ in. minimum
Insulation
Teflon
Body
Brass
Nickel
70µ in. minimum
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Reverse Polarity BNC Female Connector Crimp/Solder Attachment for RG188-DS, RG316-DS
PE45182
PE45182 REV 1.0
Reverse Polarity BNC Female Connector Crimp/
Solder Attachment for RG188-DS, RG316-DS
RF Connectors Technical Data Sheet
PE45182


Similar Part No. - PE45182

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4518 PASTERNACK-PE4518 Datasheet
107Kb / 1P
C MALE CRIMP ATTACHMENT
PE45180 PASTERNACK-PE45180 Datasheet
410Kb / 3P
Reverse Polarity TNC Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45181 PASTERNACK-PE45181 Datasheet
402Kb / 3P
Reverse Polarity TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .480 inch D Hole
PE45183 PASTERNACK-PE45183 Datasheet
342Kb / 3P
Reverse Polarity SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45185 PASTERNACK-PE45185 Datasheet
365Kb / 3P
Reverse Polarity SMA Male Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results

Similar Description - PE45182

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4385 PASTERNACK-PE4385 Datasheet
121Kb / 1P
BNC MALE CRIMP ATTACHMENT FOR RG188-DS &RG316-DS
PE4392 PASTERNACK-PE4392 Datasheet
94Kb / 1P
BNC FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG188-DS &RG316-DS
PE4417 PASTERNACK-PE4417 Datasheet
111Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE45172 PASTERNACK-PE45172 Datasheet
381Kb / 2P
N Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45183 PASTERNACK-PE45183 Datasheet
342Kb / 3P
Reverse Polarity SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45185 PASTERNACK-PE45185 Datasheet
365Kb / 3P
Reverse Polarity SMA Male Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45186 PASTERNACK-PE45186 Datasheet
342Kb / 3P
Reverse Polarity SMA Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45175 PASTERNACK-PE45175 Datasheet
390Kb / 2P
TNC Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45180 PASTERNACK-PE45180 Datasheet
410Kb / 3P
Reverse Polarity TNC Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45154 PASTERNACK-PE45154 Datasheet
413Kb / 3P
BNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com