Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF8140A Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF8140A
Description  EL Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8140A Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF8140A Datasheet HTML 1Page - Nippon Precision Circuits Inc CF8140A Datasheet HTML 2Page - Nippon Precision Circuits Inc CF8140A Datasheet HTML 3Page - Nippon Precision Circuits Inc CF8140A Datasheet HTML 4Page - Nippon Precision Circuits Inc CF8140A Datasheet HTML 5Page - Nippon Precision Circuits Inc CF8140A Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SM8140A
NIPPON PRECISION CIRCUITS—2
PAD DIMENSIONS
( UNIT:
µm )
Chip size : 2.50
× 2.70mm
Chip thickness : 4000
± 30µm
Pad size : 100
× 100µm
Chip reverse side : VSS
PAD COORDINATES
Note : MONG is test pin.
MONG and VSS2 are not bonding.
12
3
4
5
6
7
8
9
10
11
12
13
14
15
16
(2500, 2700)
(0, 0)
X
Y
No.
NAME
X
Y
1
OCE2
360
190
2
OCE1
900
190
3
ENA
1440
190
4
VSS2
2080
190
5
VDD
2310
320
6
CPO
2310
560
7
CP1
2310
1100
8
CP2
2310
1640
9
OUT2
2300
2530
10
OUT1
2100
2530
11
CHV
1900
2530
12
MONG
1700
2530
13
LDR
1500
2530
14
VSS1
190
1600
15
OCL2
190
1040
16
OCL1
190
500



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com