Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7SH14XB Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM7SH14XB
Description  HIGH SPEED CMOS LOGIC IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM7SH14XB Datasheet(HTML) 3 Page - ELM Electronics

  ELM7SH14XB Datasheet HTML 1Page - ELM Electronics ELM7SH14XB Datasheet HTML 2Page - ELM Electronics ELM7SH14XB Datasheet HTML 3Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
■AC electrical characteristics
■Test circuit
■Measured wave pattern
■Marking
* Output should be opened when measuring current consumption.
* Cpd is IC's inner equivalent capacity which is calculated from non-loaded operating current consumption referred to test
circuit. Averaged operating current consumption at non load is calculated as following formula: Idd(opr)=Cpd • Vdd • fin+Idd
tr=tf=3ns
Parameter
Sym.
Vdd
CL
Top=25°C
Top=-40 to +85°C Unit
Condition
Min.
Typ.
Max.
Min.
Max.
Propagation
delay-time
tPLH 3.3±0.3 15
2.8
12.8
1.0
15.0
ns
Refer to
test circuit
tPHL
3.1
12.8
1.0
15.0
tPLH 3.3±0.3 50
4.3
16.3
1.0
18.5
tPHL
4.4
16.3
1.0
18.5
tPLH 5.0±0.5 15
2.1
8.6
1.0
10.0
tPHL
2.5
8.6
1.0
10.0
tPLH 5.0±0.5 50
3.1
10.6
1.0
12.0
tPHL
3.4
10.6
1.0
12.0
Input
capacity
Cin
5.0
2.0
10.0
10.0
pF Vin=Vdd or GND
Equivalent
inner
capacity
Cpd
10.0
pF
f=1MHz
a b c
SOT-25
Sym.
Mark
Content
a
F
ELM7SH series
b
A
ELM7SH14xB
c
A to Z
(except I, O, X)
Lot No.
SC-70-5
3 -
HIGH SPEED CMOS LOGIC IC
ELM7SH14xB Schmitt Inverter
3ns
3ns
tPHL
50%
50%
90%
90%
10%
10%
50%
50%
INPUT
tPLH
Vdd
GND
Voh
Vol
OUTPUT
b
c
a
Pulse
Oscillator
Vdd
OUTPUT
CL
INPUT
50�



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com