Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB18F Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MB18F
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MB18F Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MB18F Datasheet HTML 1Page - Pan Jit International Inc. MB18F Datasheet HTML 2Page - Pan Jit International Inc. MB18F Datasheet HTML 3Page - Pan Jit International Inc. MB18F Datasheet HTML 4Page - Pan Jit International Inc. MB18F Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
October 09,2012-REV.00
MB18F SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Ultra thin profile package for space constrained utilization
• Package suitable for automated handling
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• Lead free in comply with EU RoHS
2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: Epoxy molded
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0018 ounces, 0.05 grams
• Polarity : Color band denotes cathode end
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
NOTES :
1.Mounted on an FR4 PCB, single-sided copper, with 100cm 2copper pad area.
2.Mounted on an FR4 PCB, single-sided copper, m ini pad.
VOLTAGE
80-200 Volts
1 Amperes
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
0.178(4.50)
0.161(4.10)
0.217(5.50)
0.200(5.10)
0.048(1.20)
0.031(0.80)
0.048(1.20)
0.031(0.80)
0.044(1.10)
0.035(0.90)
1
2
Cathode
Anode
PAR AME T E R
S YMB O L
MB 1 8 F
M B 1 9 F MB 11 0 F MB 11 5 F MB 1 2 0 F
U N IT S
Re cur r e nt P e a k Re ve r s e Vo lta g e
V
RRM
8 0
9 0
1 0 0
1 5 0
2 0 0
V
RMS Vo lta g e
V
RM S
5 6
6 3
7 0
1 0 5
1 4 0
V
D C B l o c k i ng Vo lta g e
V
R
8 0
9 0
1 0 0
1 5 0
2 0 0
V
A ve r a g e F o r wa r d C ur re nt
I
F( AV )
1
A
P e a k F o r wa rd S urg e C ur re nt : 8 .3 ms s i ng l e ha lf s i ne - wa ve
s up e ri mp o s e d o n r a te d l o a d ( JE D E C me tho d )
I
F S M
3 0
A
F o r wa r d Vo lta g e a t 1 .0 A
V
F
0 .8
0 .9
V
D C Re ve r s e C ur re nt a t Ra te d
D C B l o c k i ng Vo lta g e
T
J = 2 5
OC
I
R
5 0
 A
Typ i c a l J unc ti o n ca p a ci ta nce
V R=4 V,1 MHZ
C
J
5 0
4 0
3 0
p F
Typ i c a l The rm a l Re s i sta nce ,J unc ti o n to L e a d ( No te 1 )
Juncti o n to A m b i e nt (No te 2 )
R
 JL
R
 J A
3 0
1 3 5
OC / W
O p e ra ti ng J unc ti o n Te mp e r a tur e a nd S to r a g e Te mp e r a ture Ra ng e
T
J , T STG
-5 5 to + 1 5 0
OC


Similar Part No. - MB18F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB18F PACELEADER-MB18F Datasheet
242Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
MB18F JUXING-MB18F Datasheet
868Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifer
logo
DONGGUAN YOU FENG WEI E...
MB18F YFWDIODE-MB18F Datasheet
91Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Guangdong Juxing Electr...
MB18F JUXING-MB18F Datasheet
793Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - MB18F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com