Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF8141B Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF8141B
Description  EL Sheet Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8141B Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF8141B Datasheet HTML 1Page - Nippon Precision Circuits Inc CF8141B Datasheet HTML 2Page - Nippon Precision Circuits Inc CF8141B Datasheet HTML 3Page - Nippon Precision Circuits Inc CF8141B Datasheet HTML 4Page - Nippon Precision Circuits Inc CF8141B Datasheet HTML 5Page - Nippon Precision Circuits Inc CF8141B Datasheet HTML 6Page - Nippon Precision Circuits Inc CF8141B Datasheet HTML 7Page - Nippon Precision Circuits Inc CF8141B Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM8141
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
EL Sheet Driver
OVERVIEW
The SM8141 is a transformer-less electrolumines-
cent (EL) sheet lamp driver, capable of driving sheets
up to 50cm2 in size. It employs built-in high with-
stand voltage output MOS transistors and requires
few external components, making it ideal for com-
pact driver units in portable equipment.
FEATURES
s
Dedicated EL driver
s
50cm2 maximum EL sheet drive capability
s
Noise-less smooth drive waveform
s
Two oscillators (EL and coil)(SM8141A)
s
Stand-by function (SM8141B)
s
High-efficiency MOS transistor driver
s
Dual supply operation possible
(See TYPICAL APPLICATIONS)
s
2.0 to 5.5V supply operation
s
200Vp-p maximum drive voltage
s
250Hz standard drive frequency
s
8-pinVSOP package
s
Chip form
ORDERING INFORMATION
PINOUT
8pin VSOP (TOP VIEW)
PACKAGE DIMENSIONS
(Unit : mm)
DEVICE
PA C K A G E
SM8141AV
8pin VSOP
SM8141BV
8pin VSOP
CF8141A
Chip form
CF8141B
Chip form
1
CHV
2
LDR
3
VSS
4
OCL
5
OCE
6
VDD
7
OUT2
8
OUT1
8141A
1
CHV
2
LDR
3
VSS
4
OSC
5
ENA
6
VDD
7
OUT2
8
OUT1
8141B
0.575 typ
3.1
± 0.3
0.22
± 0.1
0.65
0.12 M
0.10
0 to 10
0.15
+0.1
−0.05


Similar Part No. - CF8141B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF8140A NPC-CF8140A Datasheet
66Kb / 6P
EL Driver IC
More results

Similar Description - CF8141B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
EL Driver IC
SM8142 NPC-SM8142 Datasheet
102Kb / 8P
EL Sheet Driver
SM8143A NPC-SM8143A Datasheet
75Kb / 6P
EL Sheet Driver
SM8144B NPC-SM8144B Datasheet
69Kb / 6P
EL Sheet Driver
SM8145A NPC-SM8145A Datasheet
112Kb / 7P
Dual EL Driver
logo
Supertex, Inc
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
EL Lamp Driver
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
MEDIUM EL LAMP DRIVER
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A_06 Datasheet
115Kb / 8P
EL Driver
SM8146AD1 NPC-SM8146AD1 Datasheet
304Kb / 19P
EL Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com