Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8142BV Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM8142BV
Description  EL Sheet Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8142BV Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM8142BV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SM8142
NIPPON PRECISION CIRCUITS—2
PINOUT (Top View)
I
8-pin SON
I
8-pin VSOP
PACKAGE DIMENSIONS (Unit : mm)
I
8-pin SON
I
8-pin VSOP
SM8142AD
SM8142BD
SM8142AV
SM8142BV
1
VSS
2
OCL
3
OCE
4
VDD
OUT2
OUT1
CHV
LDR
8
7
6
5
1
VSS
2
OSC
3
ENA
4
VDD
OUT2
OUT1
CHV
LDR
8
7
6
5
1
CHV
2
LDR
3
VSS
4
OCL
5
OCE
6
VDD
7
OUT2
8
OUT1
8142A
1
CHV
2
LDR
3
VSS
4
OSC
5
ENA
6
VDD
7
OUT2
8
OUT1
8142B
2.90 ± 0.1
0.65
0.05
0.30
− 0.05
+ 0.1
0.48typ
0.05 M
0.575 typ
3.1
± 0.3
0.15
0.22
± 0.1
0.65
+0.1
−0.05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com