Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8145 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM8145
Description  Dual EL Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8145 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM8145 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SM8145A
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Pin number
Name
I / O
Function
1
L D R
O
Booster coil driver output
2
N . C.
–
No connection (must be open)
3
V S S
–
G round
4
N . C.
–
No connection (must be open)
5
OCL1
I
Coil driver oscillator 1 (oscillator frequency determined by external resistor)
6
OCL2
I
Coil driver oscillator 2 (oscillator frequency determined by external resistor)
7
N . C.
–
No connection (must be open)
8
OCL3
I
Coil driver oscillator 3 (oscillator frequency determined by external resistor)
9
O C E
I
EL driver oscillator (oscillator frequency determined by external resistor)
1 0
ENA2
Ip1
1. Built-in pull-down resistor.
Enab le input 2 (HIGH: enable, LOW : disable)
1 1
ENA1
Ip1
Enab le input 1 (HIGH: enable, LOW : disable)
1 2
N . C.
–
No connection (must be open)
1 3
V D D
–
Supply
1 4
N . C.
–
No connection (must be open)
1 5
O U T 2
O
Output 2
1 6
O U T C O M
O
Output (common)
1 7
N . C.
–
No connection (must be open)
1 8
O U T 1
O
Output 1
1 9
N . C.
–
No connection (must be open)
2 0
C H V
I
High-voltage DC input
VSS
ENA2
VDD
CHV
LDR
OUTCOM
OUT1
EL 1
High Voltage Switching Circuit
Oscillator
Divider
OUT2
EL 2
Control logic
ENA1
OCE
ROCE
Divider
Oscillator
ROCL2
ROCL1
ROCL3
OCL2
OCL1
OCL3
VIC
VBOOST



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com