Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT9911 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # AT9911
Description  1A Low Dropout Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT9911 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  AT9911 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
Apr 19, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
AT9911
Global Mixed-mode Technology
1A Low Dropout Regulator
Features
2.5V Options
Over Current and Over Temperature Protection
400mV Dropout @1A
MLCC Capacitance Stable
TO-252 Package
Applications
Battery Powered Systems
Motherboards
Peripheral Cards
Set Top Boxes
Notebook Computers
General Description
The AT9911 is a high performance positive voltage
regulator designed for use in applications requiring
very low dropout voltage at up to 1 Amps. The AT9911
provides excellent regulation over variations in line,
load and temperature. AT9911 is stable with minimum
4.7µF MLCC (X5R) output capacitor.
The AT9911 is available with 2.5V internally preset
outputs.
Ordering Information
ORDER
NUMBER
MARKING
VOLTAGE
TEMP.
RANGE
PACKAGE
(Green)
AT9911-25T45U
A9911-25
2.5V
-40°C ~ +85°C
TO-252
Note: T4: TO-252
5: Bonding Code
U : Tape & Reel
Pin Configuration
Typical Application Circuit
VIN
VO
C1
4.7µF
C2
10µF
VIN
VO
GND
AT9911
TO-252
Top View
1
2
3
VIN
GND
VO
AT9911
VIN
VO
C1
4.7µF
C2
10µF
VIN
VO
GND
AT9911
TO-252
Top View
1
2
3
VIN
GND
VO
AT9911


Similar Part No. - AT9911

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
1A Low Dropout Regulator
AT9915 GMT-AT9915 Datasheet
65Kb / 1P
1.5A Low Dropout Regulator
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
Automotive LED Driver IC with High Current Accuracy
AT9917TS-G SUTEX-AT9917TS-G Datasheet
734Kb / 12P
Automotive LED Driver IC with High Current Accuracy
AT9919 SUTEX-AT9919 Datasheet
726Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
More results

Similar Description - AT9911

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
1A Low Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
1A LOW DROPOUT REGULATOR
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
Burr-Brown (TI)
REG104 BURR-BROWN-REG104_08 Datasheet
763Kb / 21P
DMOS 1A Low-Dropout Regulator
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
1A LOW DROPOUT POSITIVE REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
1A Low-Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
1A Low Dropout Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com