Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ16 Datasheet(PDF) 21 Page - ELM Electronics

Part # GD25LQ16
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ16 Datasheet(HTML) 21 Page - ELM Electronics

Back Button GD25LQ16 Datasheet HTML 17Page - ELM Electronics GD25LQ16 Datasheet HTML 18Page - ELM Electronics GD25LQ16 Datasheet HTML 19Page - ELM Electronics GD25LQ16 Datasheet HTML 20Page - ELM Electronics GD25LQ16 Datasheet HTML 21Page - ELM Electronics GD25LQ16 Datasheet HTML 22Page - ELM Electronics GD25LQ16 Datasheet HTML 23Page - ELM Electronics GD25LQ16 Datasheet HTML 24Page - ELM Electronics GD25LQ16 Datasheet HTML 25Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
21
Rev.1.0
59 -
http://www.elm-tech.com
GD25LQ16xIGx 1.8V Uniform Sector Dual and Quad Serial Flash
Fast Read (0BH) in QPI mode
The Fast Read command is also supported in QPI mode. In QPI mode, the number of dummy clocks is
configured by the “Set Read Parameters (C0H)” command to accommodate a wide range application with
different needs for either maximum Fast Read frequency or minimum data access latency. Depending on the
Read Parameter Bits P[5:4] setting, the number of dummy clocks can be configured as either 4/6/8.
Figure 8a. Read Data Bytes at Higher Speed Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
0BH
20
12
16
8
6
7
8
9 10
4
4
0
0
4
0 4
0
4
21
13
17
9
5
5
1
1
5
1 5
1
5
22
14
18
10 6
6
2
2
6
2 6
2
6
23
15
19
11 7
7
3
3
7
3 7
3
7
A23-16 A15-8 A7-0 Dummy*
11 12 13
IOs switch from
Input to output
Byte1 Byte2
*"Set Read Parameters" Command (C0H)
can set the number of dummy clocks
7.8. Dual Output Fast Read (3BH)
The Dual Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, each bit
being latched in during the rising edge of SCLK, then the memory contents are shifted out 2-bit per clock cycle
from SI and SO.
The command sequence is shown in followed Figure9. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
Figure 9. Dual Output Fast Read Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com