Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS7000F Datasheet(PDF) 2 Page - AUK corp

Part # SDS7000F
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDS7000F Datasheet(HTML) 2 Page - AUK corp

  SDS7000F Datasheet HTML 1Page - AUK corp SDS7000F Datasheet HTML 2Page - AUK corp SDS7000F Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSD-2040-000
2
SDS7000F
Absolute maximum ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Maximum(peak) reverse voltage
V
RM
85
V
Reverse voltage
V
R
80
V
Maximum(peak) forward current
I
FM
*
300
mA
Average forward current
I
O
*
100
mA
Surge current(10ms)
I
FSM
*
2A
Power dissipation
P
D
150
mW
Junction temperature
T
j
150
°C
Storage temperature
T
stg
-55 ~ 150
°C
* : Unit ratings. Total rating = Unit rating
×1.5
Electrical Characteristics
Ta=25
°°°°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
V
F(1)
I
F=1mA
-
0.6
-
V
F(2)
I
F=10mA
-
0.7
-
Forward voltage
V
F(3)
I
F=100mA
-
0.9
1.2
V
Reverse current
I
R
V
R=80V
-
-
0.5
µA
Total capacitance
C
T
V
R=0, f=1MHz
-
2.2
4.0
pF
Reverse recovery time
trr
I
F=10mA
-
1.6
4.0
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com