Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5313-C Datasheet(PDF) 2 Page - AUK corp

Part # SI5313-C
Description  IRED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SI5313-C Datasheet(HTML) 2 Page - AUK corp

  SI5313-C Datasheet HTML 1Page - AUK corp SI5313-C Datasheet HTML 2Page - AUK corp SI5313-C Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KLI-0001-000
2
SI5313-C / SI5315-C(B)
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
150
mW
Forward Current
IF
100
mA
*1Peak Forward Current
IFP
1
A
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-25~85
℃
Storage Temperature
Tstg
-30~100
℃
*2Soldering Temperature
Tsol
260℃ for 5 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of IRED package
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF= 50mA
-
1.4
1.8
V
Radiant Intensity
IE
IF= 50mA
10
20
-
mW/Sr
Peak Wavelength
λ
P
IF= 50mA
-
880
-
nm
Spectrum Bandwidth
Δλ
IF= 50mA
-
50
-
nm
Reverse Current
IR
VR=4V
-
-
10
uA
*3Half angle
θ1/2
IF= 50mA
-
±30
-
deg
*3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com