Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1135 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AS1135
Description  Powered Device with Integrated DC-DC Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1135 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AS1135 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1135 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AS1135
Product Brief
AS1135 Product Brief
March 2008
Page 2
Thermal
Limit
Protection
UVLO
AS1135
PD controller
Local
Adapter
Control
DC-DC
Controller
With
Managed
Emissions
Control
AT
Detection
Signature
Extended
Classification
& MPS
Current
Limit/
Sense
Surge
Protection
Figure 2: Top-Level Block Diagram of the AS1135
Functional Description
The AS1135 is a fully integrated PD that includes surge protection,
PD controller, DC-DC controller, local adapter control and
Emission control functions. This includes all the functions and
features required to build IEEE 802.3af/at complaint Power over
Ethernet (PoE) system. The optimized architecture of the AS1135
reduces external component cost in a small footprint package
while providing high performance.
PD Controller
The AS1135 PD controller interface is designed to provide a fully
compliant IEEE 802.3at (Draft 2.0) as both Type 1 and Type 2 PD.
The PD Controller provides the following major functions:
•
Signature detection
•
2-Event Physical Layer Classification
•
Type 2 PSE Detection Indicator (ATDET)
•
Maitain power signature (MPS)
•
Current sense/limit
•
Under voltage lockout (UVLO)
•
Thermal limit protection
The AS1135 includes new 2-event classification feature based on
802.3at (Draft 2.0) standard to indicate to a Type 2 PSE that the
PD is also a Type 2 PD and can accept more than 13W of input
power.
The ATDET output indicator stays low if the PD connects to a
Type 1 PSE (13W), and goes high if the PD connects to a Type 2
PSE (30W). This can be used by the system micro-controller to
self-configure the system based on available power. ATDET
stays high under local power since higher power is available
through the local adapter.
DC-DC Controller
The integrated DC-DC controller operates from a switched input
voltage and includes soft-start and current limiting. After the input
power and enable signals are asserted, the DC-DC controller starts
up. The controller provides control signals to external MOSFET
switche and uses an external sense resistor to sense the
transformer primary current.
The DC-DC architecture is a current mode controller which can be
configured with external component changes for either flyback,
forward or buck topologies. Both non-isolated and isolated
switching technologies are supported. The PWM switching signal is
controlled for low radiated and conducted emissions.
Local Adapter Control
Even with the convenience of PoE, many systems are designed to
work with both the PoE and Local Power supplies to ensure
broader deployment. The integrated local adapter controller
enables the AS1135 to be used with a wall power adapter in wide
range of 10-57V. The local adapter is OR-ed in after the hot-swap
FET. The internal detector disabled the hot-swap FET when local
power is available. This allows local power to have higher priority
than the PoE power irrespective of the relative voltages local or
PoE connections. If system design requires higher voltage based
priority selection, then local power can also be OR-ed in at the front
end diode bridge to take benefit of inrush/current limiting features.
For More Information
Contact us at mailto:marcom@akrossilicon.com, or
Akros Silicon, Inc., 275 Turn Pike Drive, Folsom, CA95630
http://www.AkrosSilicon.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com