Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP25M Datasheet(PDF) 3 Page - AUK corp

Part # SIP25M
Description  IC protector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SIP25M Datasheet(HTML) 3 Page - AUK corp

  SIP25M Datasheet HTML 1Page - AUK corp SIP25M Datasheet HTML 2Page - AUK corp SIP25M Datasheet HTML 3Page - AUK corp SIP25M Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KSI-9030-001
3
■
Marking
“SIP” means IC Protector of AUK
“25” means rating current =1.0A
“●●” means the production month & year code.
■
Location of AUK Corp.
1) Product Line : IK-SAN, KOREA
2) Head Office : IK-SAN, KOREA
3) Sales Office : SEOUL, KOREA
SIP25M
S I P
25
●●



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com