Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL5015P Datasheet(PDF) 2 Page - AUK corp

Part # SL5015P
Description  COMPANDOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5015P Datasheet(HTML) 2 Page - AUK corp

  SL5015P Datasheet HTML 1Page - AUK corp SL5015P Datasheet HTML 2Page - AUK corp SL5015P Datasheet HTML 3Page - AUK corp SL5015P Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSI-W003-000
2
Absolute Maximum Ratings
(Ta = 25
°C)
Characteristics
Symbol
Rating
Unit
Maximum Supply Voltage
V
CC
10
V
1000(D) note 1
mW
Power Dissipations
P
D
410(S) note 2
Operating Temperature Range
Topr
-20 ~ 70
°C
Storage Temperature Range
Tstg
-55 ~ 150
°C
* note 1. Above Ta=+25 °C , derate at 8mW/°C
2. Above Ta=+25 °C, derate at 3.3mW/°C
Block Diagram and Test Circuit
SL5015/P
2.2 ㎌
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
REG.
LOGIC MUTE
-
+
-
+
-
+
EXP.
COM
-
+
REG.
100K
100K
100K
51K
3.3K
100K
10 ㎌
10K
1 ㎌
2.2
㎌
2.2 ㎌
10K
50pF
51K
10K
1
㎌
0.047
㎌
100K
600
4.7
㎌
Vcc
EXP.OUT
DATA OUT
EXP.IN
SW2
SW3
SW4
SW5
EXP.
MUTE
THROUGH
COMP.
MUTE
+
+
+
+
+
+
+
+
+
+
+
+
4.7
㎌
600
SW1
0.047㎌
COMP.IN
0.47 ㎌
9.1K
2.2 ㎌
RECT
DCF
600
0.1 ㎌
100K
DATA IN
COMP.OUT
1 ㎌
10K
6000pF
10K
10K
10K
10K
1000pF
1800pF
1uF
FILTER OUT
FILTER IN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com